Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXXXEZ400-SXX000 Datasheet(PDF) 1 Page - Cree, Inc

Part # CXXXEZ400-SXX000
Description  Cree짰 EZ400??LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXXXEZ400-SXX000 Datasheet(HTML) 1 Page - Cree, Inc

  CXXXEZ400-SXX000 Datasheet HTML 1Page - Cree, Inc CXXXEZ400-SXX000 Datasheet HTML 2Page - Cree, Inc CXXXEZ400-SXX000 Datasheet HTML 3Page - Cree, Inc CXXXEZ400-SXX000 Datasheet HTML 4Page - Cree, Inc CXXXEZ400-SXX000 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image

Subject to change without notice.
www.cree.com
FEATURES
EZBright Power Chip LED Rf Performance
60 mW min. @ 150 mA – 450 & 460 nm
Lambertian Radiation
Conductive Epoxy, Solder Paste or Preforms,
or Flux Eutectic Attach
Thin 100-
μm Chip
Low Forward Voltage – 3.5 V Typical at 150 mA
Single Wire Bond Structure
Maximum DC Forward Current - 200 mA
APPLICATIONS
General Illumination
Automobile
Aircraft
Decorative Lighting
Task Lighting
Outdoor Illumination
White LEDs
Crosswalk Signals
Backlighting
Cree® EZ400™ LED
Data Sheet
CxxxEZ400-Sxx000
Cree’s EZBright™ LEDs are the next generation of solid-state LED emitters that combine highly efficient InGaN materials
with Cree’s proprietary optical design and device technology to deliver superior value for high-intensity LEDs. The
optical design maximizes light extraction efficiency and enables a Lambertian radiation pattern. Additionally, these
LEDs are die attachable with conductive epoxy, solder paste or solder preforms, as well as the flux eutectic method.
These vertically structured, low forward voltage LED chips are approximately 100 microns in height. Cree’s EZ™ chips
are tested for conformity to optical and electrical specifications. These LEDs are useful in a broad range of applications,
such as general illumination, automotive lighting and LCD backlighting.
CxxxEZ400-Sxx000 Chip Diagram
Top View
Bottom View
EZBright LED Chip
380 x 380
μm2
t = 100
μm
Backside
Metallization
Gold Bond Pad
100
μm
Die Cross Section
Anode (+);
3
μm AuSn
Cathode (-)


Similar Part No. - CXXXEZ400-SXX000

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXXXEZ400-SXXX00-2 CREE-CXXXEZ400-SXXX00-2 Datasheet
294Kb / 5P
   EZBright Power Chip LED Rf Performance Lambertian Radiation
More results

Similar Description - CXXXEZ400-SXX000

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C450EZ400-0213-2 MARKTECH-C450EZ400-0213-2 Datasheet
294Kb / 5P
   Cree EZ400 Gen II LED
CP41B-BFS MARKTECH-CP41B-BFS Datasheet
546Kb / 8P
   Cree짰 P4 LED
CP42B-RKS MARKTECH-CP42B-RKS Datasheet
519Kb / 8P
   Cree짰 P4 LED
logo
Cree, Inc
C450EZ400-S09000-2 CREE-C450EZ400-S09000-2_16 Datasheet
230Kb / 5P
   Cree EZ400-n Gen 2 LED
CXXXEZ700-SXX000 CREE-CXXXEZ700-SXX000 Datasheet
370Kb / 6P
   Cree짰 EZ700??LED
logo
Marktech Corporate
CP41B-RDS MARKTECH-CP41B-RDS Datasheet
626Kb / 10P
   Cree짰 P4 LED
logo
Cree, Inc
CP42T-RKS CREE-CP42T-RKS Datasheet
708Kb / 8P
   Cree짰 P4 LED
CXXXUT200-SXXXX CREE-CXXXUT200-SXXXX Datasheet
297Kb / 5P
   Cree짰 UltraThin??LED
logo
Marktech Corporate
CP41B-WES MARKTECH-CP41B-WES Datasheet
651Kb / 9P
   Cree짰 P4 LED
logo
Cree, Inc
CP41A-PDS CREE-CP41A-PDS Datasheet
779Kb / 9P
   Cree짰 P4 LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com