Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C460EZ1000-SXX000 Datasheet(PDF) 2 Page - Cree, Inc

Part # C460EZ1000-SXX000
Description  Cree짰 EZ1000??LEDs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C460EZ1000-SXX000 Datasheet(HTML) 2 Page - Cree, Inc

  C460EZ1000-SXX000 Datasheet HTML 1Page - Cree, Inc C460EZ1000-SXX000 Datasheet HTML 2Page - Cree, Inc C460EZ1000-SXX000 Datasheet HTML 3Page - Cree, Inc C460EZ1000-SXX000 Datasheet HTML 4Page - Cree, Inc C460EZ1000-SXX000 Datasheet HTML 5Page - Cree, Inc C460EZ1000-SXX000 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Copyright © 2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks, and EZBright. EZ1000 and EZ are trademarks of Cree, Inc.

CPR3CR Rev. A
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com
Maximum Ratings at T
A = 5°C
Note 
CxxxEZ000-Sxx000
DC Forward Current
1000 mA
Peak Forward Current (1/10 duty cycle @ 1 kHz)
1250 mA
LED Junction Temperature
145°C
Reverse Voltage
5 V
Operating Temperature Range
-40°C to +100°C
Storage Temperature Range
-40°C to +125°C
Typical Electrical/Optical Characteristics at T
A = 5°C, If = 350 mA
Note 
Part Number
Forward Voltage (V
f, V)
Reverse Current
[I(Vr=5V), μA]
Full Width Half Max
(
λ
D, nm)
Min.
Typ.
Max.
Max.
Typ.
C450EZ1000-Sxx000
2.9
3.3
3.8
2
20
C460EZ1000-Sxx000
2.9
3.3
3.8
2
21
C470EZ1000-Sxx000
2.9
3.3
3.8
2
22
C527EZ1000-Sxx000
3.1
3.5
4.0
2
35
Mechanical Specifications
CxxxEZ000-Sxx000
Description
Dimensions
Tolerance
P-N Junction Area (μm)
950 x 950
± 25
Chip Area (μm)
980 x 980
± 25
Chip Thickness (μm)
100
± 25
Top Au Bond Pad (μm) - Qty. 2
130 x 130
+25/-10
Au Bond Pad Thickness (μm)
3.0
± 1.0
Back Contact Metal Area (μm)
980 x 980
± 25
Back Contact Metal Thickness (μm)
3.0
± 1.0
Notes:
Maximum ratings are package-dependent. The above ratings were determined using a Au-plated TO39 header without an
encapsulant for characterization. Ratings for other packages may differ. The junction temperature should be characterized in a
specific package to determine limitations. Assembly processing temperature must not exceed 325°C (< 5 seconds). See Cree
EZBright Applications Note for assembly-process information.
All products conform to the listed minimum and maximum specifications for electrical and optical characteristics when assembled
and operated at 350 mA within the maximum ratings shown above. Efficiency decreases at higher currents. Typical values given
are within the range of average values expected by the manufacturer in large quantities and are provided for information only. All
measurements were made using a Au-plated TO39 header without an encapsulant. Optical characteristics were measured in an
integrating sphere using Illuminance E.
1.
2.


Similar Part No. - C460EZ1000-SXX000

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C460EZ1000-SXX000-2 CREE-C460EZ1000-SXX000-2 Datasheet
456Kb / 5P
   EZBright LED Technology Low Forward Voltage
More results

Similar Description - C460EZ1000-SXX000

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C450EZ1000-0221-2 MARKTECH-C450EZ1000-0221-2 Datasheet
456Kb / 5P
   Cree EZ1000 Gen II LEDs
logo
Cree, Inc
C450EZ1000-S38000-2 CREE-C450EZ1000-S38000-2_16 Datasheet
366Kb / 5P
   Cree EZ1000 Gen 2 LEDs
CXXXEZ290-SXX00 CREE-CXXXEZ290-SXX00 Datasheet
437Kb / 6P
   Cree짰 EZBright290??LEDs
XD16 CREE-XD16 Datasheet
2Mb / 29P
   Cree짰 XLamp짰 XD16 LEDs
XHP35.2 CREE-XHP35.2 Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
JB5630 CREE-JB5630 Datasheet
3Mb / 26P
   Cree짰 J Series??5630 LEDs
XPBL CREE-XPBL Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPE2 CREE-XPE2 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
CLD-AP22 CREE-CLD-AP22 Datasheet
3Mb / 45P
   Cree짰 XLamp짰 XP Family LEDs
XMLBWT-00-0000-0000T5051 CREE-XMLBWT-00-0000-0000T5051 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 XM-L2 LEDs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com