Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA6108JF Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA6108JF
Description  Triple video output amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6108JF Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA6108JF Datasheet HTML 1Page - NXP Semiconductors TDA6108JF Datasheet HTML 2Page - NXP Semiconductors TDA6108JF Datasheet HTML 3Page - NXP Semiconductors TDA6108JF Datasheet HTML 4Page - NXP Semiconductors TDA6108JF Datasheet HTML 5Page - NXP Semiconductors TDA6108JF Datasheet HTML 6Page - NXP Semiconductors TDA6108JF Datasheet HTML 7Page - NXP Semiconductors TDA6108JF Datasheet HTML 8Page - NXP Semiconductors TDA6108JF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1999 Oct 29
5
Philips Semiconductors
Product specification
Triple video output amplifier
TDA6108JF
CHARACTERISTICS
Operating range: Tj = −20 to +150 °C; VDD = 180 to 210 V. Test conditions: Tamb =25 °C; VDD = 200 V;
Vo(c1) =Vo(c2) =Vo(c3) = 12VDD; CL = 10 pF (CL consists of parasitic and cathode capacitance); Rth(h-a) = 18 K/W
(measured in test circuit of Fig.8); unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Iq
quiescent supply current
8.8
10.3
11.7
mA
Vref(int)
internal reference voltage
(input stage)
2.5
V
Ri
input resistance
3.2
k
G
gain of amplifier
47.5
51.0
55.0
∆G
gain difference
−2.5
0
+2.5
VO(c)
nominal output voltage at
pins 7, 8 and 9 (DC value)
Ii =0 µA
116
129
142
V
∆VO(c)(offset)
differential nominal output
offset voltage between
pins 7 and 8, 8 and 9 and
9 and 7 (DC value)
Ii =0 µA
05V
∆Vo(c)(T)
output voltage temperature
drift at pins 7, 8 and 9
−−10
mV/K
∆Vo(c)(T)(offset) differential output offset
voltage temperature drift
between pins 7 and 8,
8 and 9 and 7 and 9
0
mV/K
Io(m)(offset)
offset current of measurement
output (for 3 channels)
Io(c) =0 µA;
1.5 V < Vi < 5.5 V;
3V<Vo(m) <6V
−50
+50
µA
∆Io(m)/∆Io(c)
linearity of current transfer
−100 µA<Io(c) < 100 µA;
1.5 V < Vi < 5.5 V;
3V<Vo(m) <6V
0.9
1.0
1.1
Io(c)(max)
maximum peak output current
(pins 7, 8 and 9)
50V<Vo(c) <VDD − 50 V
28
mA
Vo(c)(min)
minimum output voltage
(pins 7, 8 and 9)
Vi = 7.0 V; note 1
−−
10
V
Vo(c)(max)
maximum output voltage
(pins 7, 8 and 9)
Vi = 1.0 V; note 1
VDD − 15 −−
V
BS
small signal bandwidth
(pins 7, 8 and 9)
Vo(c) = 60 V (p-p)
9.0
MHz
BL
large signal bandwidth
(pins 7, 8 and 9)
Vo(c) = 100 V (p-p)
8.0
MHz
tPco
cathode output propagation
time 50% input to 50% output
(pins 7, 8 and 9)
Vo(c) = 100 V (p-p)
square wave; f <1 MHz;
tr =tf =40ns
(pins 1, 2 and 3);
see Figs 6 and 7
32
ns


Similar Part No. - TDA6108JF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA6108AJF NXP-TDA6108AJF Datasheet
101Kb / 16P
   Triple video output amplifier
Rev. 03-20 April 2005
More results

Similar Description - TDA6108JF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA6103Q PHILIPS-TDA6103Q Datasheet
100Kb / 16P
   Triple video output amplifier
March 1994
TDA6107Q PHILIPS-TDA6107Q Datasheet
85Kb / 16P
   Triple video output amplifier
1999 Oct 26
TDA6107JF PHILIPS-TDA6107JF Datasheet
95Kb / 20P
   Triple video output amplifier
2002 Oct 18
TDA6108AJF NXP-TDA6108AJF Datasheet
101Kb / 16P
   Triple video output amplifier
Rev. 03-20 April 2005
TDA6107AJF NXP-TDA6107AJF Datasheet
77Kb / 16P
   Triple video output amplifier
Rev. 02-28 April 2005
logo
Integral Corp.
ILA6107Q INTEGRAL-ILA6107Q Datasheet
151Kb / 5P
   Triple video output amplifier
logo
KODENSHI_AUK CORP.
KKA6107Q KODENSHI-KKA6107Q Datasheet
130Kb / 7P
   Triple video output amplifier
logo
Motorola, Inc
MHW3928 MOTOROLA-MHW3928 Datasheet
69Kb / 4P
   Triple Video Output Hybrid Amplifier
MHW3828 MOTOROLA-MHW3828 Datasheet
69Kb / 4P
   Triple Video Output Hybrid Amplifier
logo
National Semiconductor ...
CLC5623 NSC-CLC5623 Datasheet
182Kb / 12P
   Triple, High Output, Video Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com