Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C527XB900-S4000-A Datasheet(PDF) 2 Page - Cree, Inc

Part # C527XB900-S4000-A
Description  XBright짰 Power Chip LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C527XB900-S4000-A Datasheet(HTML) 2 Page - Cree, Inc

  C527XB900-S4000-A Datasheet HTML 1Page - Cree, Inc C527XB900-S4000-A Datasheet HTML 2Page - Cree, Inc C527XB900-S4000-A Datasheet HTML 3Page - Cree, Inc C527XB900-S4000-A Datasheet HTML 4Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Copyright © 2005-2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree,
the Cree logo, G•SiC and XBright are registered trademarks, and XB is a trademark of Cree, Inc.

CPR3CM Rev. D
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Maximum Ratings at T
A = 5°C
Note 
CxxxXB900-Sx000-A
DC Forward Current
500 mA Note 2
Peak Forward Current (1/10 duty cycle @ 1kHz)
700 mA
LED Junction Temperature
125°C
Reverse Voltage
5 V
Operating Temperature Range
-40°C to +85°C
Storage Temperature Range
-40°C to +100°C
Typical Electrical/Optical Characteristics at T
A = 5°C, If = 350mA
Note 
Part Number
Forward Voltage (V
f, V)
Reverse Current
[I(Vr=5V), μA]
Full Width Half Max
(
λ
D, nm)
Min.
Typ.
Max.
Max.
Typ.
C460XB900-S9000-A
3.0
3.4
3.9
10
21
C470XB900-S9000-A
3.0
3.4
3.9
10
22
C505XB900-S6000-A
3.0
3.4
3.9
10
30
C527XB900-S4000-A
3.0
3.4
3.9
10
35
Mechanical Specifications
CxxxXB900-Sx000-A
Description
Dimension
Tolerance
P-N Junction Area (μm)
848 x 848
± 25
Top Area (μm)
725 x 725
± 25
Bottom Area (μm)
900 x 900
± 50
Chip Thickness (μm)
250
± 25
Top Au Bond Pad Diameter (μm)
120
± 10
Au Bond Pad Thickness (μm)
1.2
± 0.5
Back Contact Metal Area (μm)
764 x 764
± 25
Back Contact Metal Thickness (μm)
1.7
± 0.3
Notes:
Maximum ratings are package dependent. The above ratings were determined using a Au-plated TO39 header without an encapsulant
for characterization. Ratings for other packages may differ. The junction temperature should be characterized in a specific package
to determine limitations. Assembly processing temperature must not exceed 325°C (< 5 seconds).
All products conform to the listed minimum and maximum specifications for electrical and optical characteristics when assembled
and operated at 350 mA within the maximum ratings shown above. Efficiency decreases at higher currents. Typical values given are
within the range of average expected by manufacturer in large quantities and are provided for information only. All measurements
were made using a Au-plated TO39 header without an encapsulant. Optical characteristics measured in an integrating sphere using
Illuminance E.
Back contact metal is 80%/20% Au/Sn by weight, with target eutectic melting temperature of approximately 282°C.
Caution: To avoid leakage currents and achieve maximum output efficiency, die attach material must not contact the side of the
chip.
XB900 chips are shipped with the junction side up, requiring die transfer prior to die attach.
Specifications are subject to change without notice.
1.
2.
3.
4.
5.
6.


Similar Part No. - C527XB900-S4000-A

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C527XB500-S1500-A CREE-C527XB500-S1500-A Datasheet
213Kb / 4P
   XBright짰 Power Chip LED
More results

Similar Description - C527XB900-S4000-A

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXXXXB500-SXX00-A CREE-CXXXXB500-SXX00-A Datasheet
213Kb / 4P
   XBright짰 Power Chip LED
logo
Roithner LaserTechnik G...
H2A1-H920 ROITHNER-H2A1-H920 Datasheet
255Kb / 4P
   High Power single chip LED
H2A1-H970 ROITHNER-H2A1-H970 Datasheet
269Kb / 4P
   High Power single chip LED
APG2C1-450 ROITHNER-APG2C1-450 Datasheet
163Kb / 4P
   High Power Single Chip LED
APG2C1-515 ROITHNER-APG2C1-515 Datasheet
306Kb / 4P
   High Power Single Chip LED
APG2C1-810 ROITHNER-APG2C1-810 Datasheet
314Kb / 4P
   High Power Single Chip LED
APG2C1-830 ROITHNER-APG2C1-830 Datasheet
319Kb / 4P
   High Power Single Chip LED
APG2C1-905 ROITHNER-APG2C1-905 Datasheet
319Kb / 4P
   High Power Single Chip LED
APG2C1-920 ROITHNER-APG2C1-920 Datasheet
318Kb / 4P
   High Power Single Chip LED
APG2C1-970 ROITHNER-APG2C1-970 Datasheet
332Kb / 4P
   High Power Single Chip LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com