Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXXXXB900-SX000-A Datasheet(PDF) 3 Page - Cree, Inc

Part # CXXXXB900-SX000-A
Description  XBright짰 Power Chip LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXXXXB900-SX000-A Datasheet(HTML) 3 Page - Cree, Inc

  CXXXXB900-SX000-A Datasheet HTML 1Page - Cree, Inc CXXXXB900-SX000-A Datasheet HTML 2Page - Cree, Inc CXXXXB900-SX000-A Datasheet HTML 3Page - Cree, Inc CXXXXB900-SX000-A Datasheet HTML 4Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Copyright © 2005-2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree,
the Cree logo, G•SiC and XBright are registered trademarks, and XB is a trademark of Cree, Inc.
3
CPR3CM Rev. D
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Standard Bins for CxxxXB900-Sx000-A
LED chips are sorted to the radiant flux and dominant wavelength bins shown. A sorted die sheet contains die
from only one bin. Sorted die kit (CxxxXB900-Sx000-A) orders may be filled with any or all bins (CxxxXB290-02xx-A)
contained in the kit. All radiant flux and all dominant wavelength values shown and specified are at If = 350 mA. Radiant
flux values are measured using Au-plated TO39 headers without an encapsulant.
C460XB900-S9000-A
C460XB900-0213-A
C460XB900-0214-A
C460XB900-0215-A
C460XB900-0216-A
C460XB900-0209-A
C460XB900-0210-A
C460XB900-0211-A
C460XB900-0212-A
C460XB900-0205-A
C460XB900-0206-A
C460XB900-0207-A
C460XB900-0208-A
C460XB900-0201-A
C460XB900-0202-A
C460XB900-0203-A
C460XB900-0204-A
455 nm
457.5 nm
460 nm
462.5 nm
465 nm
165 mW
140 mW
115 mW
90 mW
Dominant Wavelength
C470XB900-S9000-A
C470XB900-0209-A
C470XB900-0210-A
C470XB900-0211-A
C470XB900-0212-A
C470XB900-0205-A
C470XB900-0206-A
C470XB900-0207-A
C470XB900-0208-A
C470XB900-0201-A
C470XB900-0202-A
C470XB900-0203-A
C470XB900-0204-A
465 nm
467.5 nm
470 nm
472.5 nm
475 nm
140 mW
115 mW
90 mW
Dominant Wavelength
C57XB900-S4000-A
C527XB900-0207-A
C527XB900-0208-A
C527XB900-0209-A
C527XB900-0204-A
C527XB900-0205-A
C527XB900-0206-A
C527XB900-0201-A
C527XB900-0202-A
C527XB900-0203-A
520 nm
525 nm
530 nm
535 nm
75 mW
55 mW
40 mW
Dominant Wavelength
C505XB900-S6000-A
C505XB900-0203-A
C505XB900-0204-A
C505XB900-0201-A
C505XB900-0202-A
500 nm
505 nm
510 nm
85 mW
60 mW
Dominant Wavelength


Similar Part No. - CXXXXB900-SX000-A

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXXXXB500-SXX00-A CREE-CXXXXB500-SXX00-A Datasheet
213Kb / 4P
   XBright짰 Power Chip LED
More results

Similar Description - CXXXXB900-SX000-A

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXXXXB500-SXX00-A CREE-CXXXXB500-SXX00-A Datasheet
213Kb / 4P
   XBright짰 Power Chip LED
logo
Roithner LaserTechnik G...
H2A1-H920 ROITHNER-H2A1-H920 Datasheet
255Kb / 4P
   High Power single chip LED
H2A1-H970 ROITHNER-H2A1-H970 Datasheet
269Kb / 4P
   High Power single chip LED
APG2C1-450 ROITHNER-APG2C1-450 Datasheet
163Kb / 4P
   High Power Single Chip LED
APG2C1-515 ROITHNER-APG2C1-515 Datasheet
306Kb / 4P
   High Power Single Chip LED
APG2C1-810 ROITHNER-APG2C1-810 Datasheet
314Kb / 4P
   High Power Single Chip LED
APG2C1-830 ROITHNER-APG2C1-830 Datasheet
319Kb / 4P
   High Power Single Chip LED
APG2C1-905 ROITHNER-APG2C1-905 Datasheet
319Kb / 4P
   High Power Single Chip LED
APG2C1-920 ROITHNER-APG2C1-920 Datasheet
318Kb / 4P
   High Power Single Chip LED
APG2C1-970 ROITHNER-APG2C1-970 Datasheet
332Kb / 4P
   High Power Single Chip LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com