Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5651-003-G-3-L Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SM5651-003-G-3-L
Description  Low Pressure, Constant Current DIP Low Pressure, Constant Voltage DIP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SM5651-003-G-3-L Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SM5651-003-G-3-L Datasheet HTML 1Page - List of Unclassifed Manufacturers SM5651-003-G-3-L Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SM5651/SM5652
 2001-2002
Silicon Microstructures, Inc.
♦ 1701 McCarthy Blvd. ♦ Milpitas, CA 95035 USA
Tel: 408-577-0100
♦ Fax: 408-577-0123 ♦ Sales@Si-Micro.Com ♦ WWW.Si-Micro.Com
CHARACTERISTICS FOR SM5651/SM5652 - SPECIFICATIONS
Test Conditions: Model SM5651 w/excitation = 1.500mA @ 25
oC, Model SM5562 w/excitation = 10.00Vdc @ 25 oC, unless otherwise specified.
Min.
Typ.
Max.
Units
Notes
Excitation
Current (SM5651)
0.00
1.50
3.00
mA
Voltage (SM5652)
0.00
10.00
20.00
V
Output
Span (SM5651)
25.0
45.0
75.0
mV
1
Span (SM5652)
24.5
25.0
25.5
mV
1, 2
Offset
-2.00
+0.20
2.00
mV
Temperature Performance
TC Span
-0.65
+0.20
0.65
%FS
3
TC Offset
-1.00
+0.20
1.00
%FS
3
Temp Hysteresis
-0.30
+0.05
0.30
%FS
4
Accuracy
Linearity
-0.30
+0.05
0.30
%FS
5
Repeatability
-0.30
+0.05
0.30
%FS
Pressure Hysteresis
-0.30
+0.05
0.30
%FS
Sensitivity Matching
-2.00
-0.20
+2.00
%FS
1, 6
Impedance (SM5651)
Z Input
1.80
3.00
3.80
k
Z Output
2.70
3.30
3.80
k
Impedance (SM5652)
Z Input
4.50
8.00
25.00
k
Z Output
2.00
2.50
3.80
k
Temperature Range
Calibration
0
60
°C
Operating
-40
125
°C
Storage
-55
125
°C
Dynamic Characteristics
Proof Pressure
10X
FS Pressure
Burst Pressure
15X
FS Pressure
Notes:
1.
Positive Pressure is defined as entry on the bottom side of the die; gain, during factory calibration, is set using negative pressure
2.
For the SM5652, 0.15 PSI range, span is 23.75 (min) to 26.25 (max).
3.
Measured over a temperature range of 0 to 60
oC.
For 0.15 PSI, TC Span=
±2.0%FS; TC Offset=±2.0%FS; For 0.3 PSI, TC Span==±0.75%FS
4.
For 0.30 PSI, Hysteresis=
±0.45%FS;
For 0.15 PSI, Hysteresis=
±0.65%FS
5.
Best fit straight line; measured from top-side of die
For 0.30 PSI, Linearity=
±0.5%FS;
For 0.15 PSI, Linearity=
±2.5%FS
6.
Sensitivity matching relates to part-to-part matching
For 0.15 PSI, Sensitivity Matching=5.0%FS
Circuit Configuration for SM5651
Pressure Ranges
PSI
5651/ 5652
0.15
001
0.30
003
0.80
008
1.50
015
3.00
030
Notice:
Silicon Microstructures, Inc. reserves the right to make changes to the product contained in this publication. Silicon Microstructures, Inc. assumes no responsibility for the use of any circuits described
herein, conveys no license under any patent or other right, and makes no representation that the circuits are free of patent infringement. While the information in this publication has been checked, no
responsibility, however, is assumed for inaccuracies.
Silicon Microstructures, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can reasonably be expected to cause failure of
a life-support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications.
Notes:
- All dimensions are shown in inches
- Tolerance on all dimensions + 0.005” unless otherwise specified.
Pin Configuration
Model 5651 Pin-out
Model 5652 Pin-Out
1 -Signal Out
1 -Signal Out
2 -Iexc
2 -Vexc
3 +Signal Out*
3 +Signal Out*
4 +Iexc
4 +Vexc
5 Gainset Resistor
5 Do Not Connect
6 Gainset Resistor
6 Do Not Connect
*Output increases as pressure is increased on Positive Differential
Tube or Absolute Tube
DO NOT connect to “Do Not Connect” pins
Rev 1.2 8_02
ORDERING INFORMATION:


Similar Part No. - SM5651-003-G-3-L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM5651-001 ETC2-SM5651-001 Datasheet
1Mb / 5P
   COMPENSATED AND CALIBRATED LOW PRESSURE SENSOR
More results

Similar Description - SM5651-003-G-3-L

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
SDX15A2 SENSORTECHNICS-SDX15A2 Datasheet
94Kb / 4P
   Low cost compensated pressure sensors in DIP package
logo
SHENZHEN FUMAN ELECTRON...
FM3773 FUMAN-FM3773 Datasheet
508Kb / 5P
   Low Power Offline Constant Current / Constant Voltage PSR Controller
FM3773ES FUMAN-FM3773ES Datasheet
453Kb / 5P
   Low Power Offline Constant Current / Constant Voltage PSR Controller
TC3773CS FUMAN-TC3773CS Datasheet
226Kb / 5P
   Low Power Offline Constant Current / Constant Voltage PSR Controller
FM3776 FUMAN-FM3776 Datasheet
248Kb / 5P
   Low Power Offline Constant Current / Constant Voltage PSR Controller
FM3773AE FUMAN-FM3773AE Datasheet
441Kb / 5P
   Low Power Offline Constant Current / Constant Voltage PSR Controller
FM3773DS FUMAN-FM3773DS Datasheet
394Kb / 5P
   Low Power Offline Constant Current / Constant Voltage PSR Controller
logo
ON Semiconductor
NCP1360 ONSEMI-NCP1360 Datasheet
375Kb / 29P
   Low Power Offline Constant Current & Constant Voltage PWM Current-Mode Controller
October, 2015 ??Rev. 1
logo
Linkage Goston Electron...
SM8200 LINKAGE-SM8200 Datasheet
4Mb / 7P
   Program-controlled constant pressure chip
logo
Linear Technology
LT3956 LINER-LT3956_15 Datasheet
1Mb / 20P
   Constant-Current, Constant-Voltage Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com