Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SKY73012 Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part No. SKY73012
Description  400 - 3900 MHz Direct Quadrature Demodulator
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

SKY73012 Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
DATA SHEET • SKY73012 DEMODULATOR
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
6
January 12, 2007 • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • 200473B
800
–7.0
–7.5
–8.0
–8.5
–9.0
–9.5
–10.0
–10.5
–11.0
–11.5
–12.0
850
Frequency (MHz)
900
950
1000
–10 dBm
0 dBm
+3 dBm
Figure 3. Power Conversion Gain vs Frequency and LO Power
@ 900 MHz
800
–7.0
–7.5
–8.0
–8.5
–9.0
–9.5
–10.0
–10.5
–11.0
–11.5
–12.0
850
Frequency (MHz)
900
950
1000
2.7 V
3.0 V
3.3 V
Figure 5. Power Conversion Gain vs Frequency and
Supply Voltage @ 900 MHz
800
20
19
18
17
16
15
14
13
12
11
10
850
Frequency (MHz)
900
950
1000
–40
oC
+25
oC
+85
oC
Figure 7. Noise Figure vs Frequency and Temperature @ 900 MHz
800
–7.0
–7.5
–8.0
–8.5
–9.0
–9.5
–10.0
–10.5
–11.0
–11.5
–12.0
850
Frequency (MHz)
900
950
1000
–40
oC
+25
oC
+85
oC
Figure 4 Power Conversion Gain vs Frequency and Temperature
@ 900 MHz
800
20
19
18
17
16
15
14
13
12
11
10
850
Frequency (MHz)
900
950
1000
–10 dBm
0 dBm
+3 dBm
Figure 6. Noise Figure vs Frequency and LO Power @ 900 MHz
800
20
19
18
17
16
15
14
13
12
11
10
850
Frequency (MHz)
900
950
1000
2.7 V
3.0 V
3.3 V
Figure 8. Noise Figure vs Frequency and Supply Voltage
@ 900 MHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn