Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SKY73012 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part No. SKY73012
Description  400 - 3900 MHz Direct Quadrature Demodulator
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

SKY73012 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

 
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
DATA SHEET • SKY73012 DEMODULATOR
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200473B • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • January 12, 2007
3
Table 2. SKY73012 Absolute Maximum Ratings
(TA = +25
°C, unless otherwise noted)
Parameter
Symbol
Min
Typical
Max
Units
+3 V supply voltage
VCC
2.7
3.6
V
Power dissipation
PD
210
320
mW
RF input power
PRFIN
18
dBm
LO input power
PLOIN
0
6
dBm
Operating case temperature
TOPR
–40
+85
°C
Storage case temperature
TSTG
–40
0
+125
°C
Note:
Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other
parameters set at or below their nominal values.
Table 3. SKY73012 Recommended Operating Conditions
Parameter
Symbol
Min
Typical
Max
Units
+3 V supply voltage
VCC
2.7
3.0
3.3
V
Current consumption
ICC
75
mA
Operating case temperature
TOPR
–40
+85
°C
Table 4. SKY73012 Electrical Characteristics (1 of 3)
(VCC = 3 V, IF = 10 MHz, LO Input Power = 0 dBm, TC = 25
°C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typical
Max
Units
RF input frequency range
400
3900
MHz
LO input frequency range
400
3900
MHz
IF frequency range
DC
250
MHz
I/Q amplitude imbalance
–0.3
+0.3
dB
I/Q phase error
–3
+1
+3
deg
IF output impedance (Note 1)
500
IF output DC level
Over process and
operating temperature
0.95
1.20
1.55
V
900 MHz RF Input (Note 2)
Voltage conversion gain
1
dB
Power conversion gain
–10.5
–9.0
dB
SSB Noise Figure
NF
15.5
17.5
dB
2nd Order Input Intercept Point
IIP2
55
60
dBm
3rd Order Input Intercept Point
IIP3
26
29
dBm
Input 1 dB compression
10.5
12
dBm
RF input VSWR
With external matching
components, ZO = 50
1.5:1
LO input VSWR
With external matching
components, ZO = 50
1.5:1
IF output noise floor
–167
dBm/Hz
RF to LO isolation
68
dB
LO to IF isolation
44
dB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn