Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGH27060F Datasheet(PDF) 7 Page - Cree, Inc

Part # CGH27060F
Description  60 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH27060F Datasheet(HTML) 7 Page - Cree, Inc

  CGH27060F Datasheet HTML 1Page - Cree, Inc CGH27060F Datasheet HTML 2Page - Cree, Inc CGH27060F Datasheet HTML 3Page - Cree, Inc CGH27060F Datasheet HTML 4Page - Cree, Inc CGH27060F Datasheet HTML 5Page - Cree, Inc CGH27060F Datasheet HTML 6Page - Cree, Inc CGH27060F Datasheet HTML 7Page - Cree, Inc CGH27060F Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
CGH27060F Rev .0 Preliminary
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/wireless
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.
Source and Load Impedances
Frequency (MHz)
Z Source
Z Load
2300
3.3 - j7.0
11.2 - j7.8
2400
4.0 - j7.0
9.9 - j8.0
2500
4.1 - j7.5
8.4 - j8.1
2600
3.6 - j7.7
7.3 - j7.8
2700
2.9 - j7.3
6.1 - j7.3
Note1: V
DD = 28V, IDQ = 240mA. In the 440193 package.
Note2: Impedances are extracted from the CGH27060F-TB demonstration
circuit and are not source and load pull data derived from the transistor.
Product Dimensions CGH27060F (Package Type — 440193)
D
Z Source
Z Load
G
S
PRELIMINARY


Similar Part No. - CGH27060F

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGH27060F WOLFSPEED-CGH27060F Datasheet
4Mb / 12P
   60 W Peak, 28 V, GaN HEMT for Linear Communications from VHF to 3 GHz
Rev. 5.2, 2022-11-11
logo
Cree, Inc
CGH27060F-AMP CREE-CGH27060F-AMP Datasheet
1Mb / 12P
   60 W Peak, 28V, GaN HEMT for Linear Communications from VHF to 3 GHz
CGH27060F-TB CREE-CGH27060F-TB Datasheet
1Mb / 12P
   60 W Peak, 28V, GaN HEMT for Linear Communications from VHF to 3 GHz
CGH27060F CREE-CGH27060F_15 Datasheet
1Mb / 12P
   60 W Peak, 28V, GaN HEMT for Linear Communications from VHF to 3 GHz
More results

Similar Description - CGH27060F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH27030F CREE-CGH27030F Datasheet
791Kb / 8P
   30 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
CGH27015F CREE-CGH27015F Datasheet
1Mb / 8P
   15 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
logo
WOLFSPEED, INC.
CGH55030F1-P1 WOLFSPEED-CGH55030F1-P1 Datasheet
1Mb / 13P
   30 W, 5500-5800 MHz, 28V, GaN HEMT for WiMAX
Rev. 4.2, 2022-12-13
logo
Cree, Inc
CGH35015F CREE-CGH35015F Datasheet
773Kb / 9P
   15 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
CGH35030F CREE-CGH35030F Datasheet
760Kb / 8P
   30 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
CGH35030F CREE-CGH35030F_15 Datasheet
1Mb / 12P
   30 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
CGH55030F1 CREE-CGH55030F1 Datasheet
914Kb / 13P
   30 W, 5500-5800 MHz, 28V, GaN HEMT for WiMAX
CGH35015 CREE-CGH35015 Datasheet
1,011Kb / 12P
   15 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
CGH21240F CREE-CGH21240F Datasheet
1Mb / 15P
   240 W, 1800-2300 MHz, GaN HEMT for WCDMA, LTE, WiMAX
CGH25120F CREE-CGH25120F Datasheet
1Mb / 12P
   120 W, 2300-2700 MHz, GaN HEMT for WiMAX and LTE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com