Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UM9701 Datasheet(PDF) 6 Page - Microsemi Corporation

Part No. UM9701
Description  Low Resistance, Low Distortion, RF Switching PIN Diode
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

UM9701 Datasheet(HTML) 6 Page - Microsemi Corporation

   
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Microsemi
Page 6
Copyright
 2001
Rev. 0.02, 2006-04-27
UM9701
Low Resistance, Low Distortion, RF Switching PIN
Diode
50
110
REVERSE VOLTAGE (V)
20
30
40
50
60
70
80
90
100
110
TYPICAL REVERSE BIAS INTERMODULATION DISTORTION
Third Order
Second Order
Fa = 43 MHz
Fb = 44 MHz
P = 20 dBm per Channel


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn