Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UM9701 Datasheet(PDF) 5 Page - Microsemi Corporation

Part No. UM9701
Description  Low Resistance, Low Distortion, RF Switching PIN Diode
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

UM9701 Datasheet(HTML) 5 Page - Microsemi Corporation

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Microsemi
Page 5
Copyright
 2001
Rev. 0.02, 2006-04-27
UM9701
Low Resistance, Low Distortion, RF Switching PIN
Diode
1
10
100
FORWARD CURRENT (mA)
20
30
40
50
60
70
80
90
100
110
120
TYPICAL THIRD ORDER INTERMODULATION DISTORTION
(R 2ab/a) VERSUS FORWARD BIAS CURRENT
Fa = 7.4 MHz
Fb = 7.6 MHz
Fa = 43 MHz
Fb = 44 MHz
P = 20 dBm per Channel
0
1020
3040
INPUT POWER PER CHANNEL (dBm)
20
30
40
50
60
70
80
90
100
110
FORWARD BIAS THIRD ORDER INTERMODULATION
DISTORTION (R 2ab/a) VS INPUT POWER PER CHANNEL
F = 7.4 MHz
F = 7.6 MHz
F = 43 MHz
F = 44 MHz


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn