Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM9401 Datasheet(PDF) 7 Page - Microsemi Corporation

Part # UM9401
Description  COMMERCIAL TWO-WAY RADIO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UM9401 Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button UM9401_05 Datasheet HTML 3Page - Microsemi Corporation UM9401_05 Datasheet HTML 4Page - Microsemi Corporation UM9401_05 Datasheet HTML 5Page - Microsemi Corporation UM9401_05 Datasheet HTML 6Page - Microsemi Corporation UM9401_05 Datasheet HTML 7Page - Microsemi Corporation UM9401_05 Datasheet HTML 8Page - Microsemi Corporation UM9401_05 Datasheet HTML 9Page - Microsemi Corporation UM9401_05 Datasheet HTML 10Page - Microsemi Corporation UM9401_05 Datasheet HTML 11Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Microsemi
Page 7
Copyright
 2005
Rev. 0, 2005-09-15
UM9401 / UM9402 / UM9415
COMMERCIAL TWO-WAY RADIO
ANTENNA SWITCH DIODES
The maximum CW transmitter power, PT(max), a PIN
diode antenna switch can handle depends on the
diode resistance, RS, power dissipation, PD, antennae
SWR, σ, and the nominal impedance, ZO. The
expression is as follows:
Characteristic curves are shown in the data section
which gives both the maximum and typical diode
resistance, RS as a function of forward current. The
maximum power dissipation rating of the PIN diode
depends both on the length of the diode leads and the
temperature of the contacts to which the leads are
connected. A graph defining the maximum power
dissipation at various combinations of overall lead
length (L) and lead temperature (TL) is given in the
data section. From these curves and the above
equation, the power handling capability of the PIN
diode may be computed for a specific application.
Curves are also presented which show the
maximum transmitter power that an antenna
switch using UM9401s and UM9415s can safely
handle for various forward currents and lead
temperatures. These curves are based on a typical
design condition of a ½ in. total overall lead length,
50 Ω line impedance, and a totally mismatched
antenna (σ = ∞). For the case of a perfectly matched
antenna, the maximum transmitter power can be
increased by a factor of 4.
Design Information
A circuit configuration for a two-way radio antenna
switch using PIN diodes consists of a diode placed in
series with the transmitter and a shunt diode placed a
quarter wavelength from the antenna in the direction
of the receiver as shown. For low frequency
operation, the quarter wave line may be simulated by
lumped elements. Typical performance of antenna
switches using PIN diodes forward biased at 100 mA
is less than 0.2 dB insertion loss and 30 dB isolation
during transmit; at zero bias the receive insertion loss
is less than 0.3 dB. This performance is achievable
across a ±20 % bandwidth at center frequencies
ranging from 10 to 500 MHz.
ANTENNA
ANTENNA
DC SUPPLY
D1
D2
L
D1
D2
DC SUPPLY
/4
TRANSMITTER
TRANSMITTER
RECEIVER
RECEIVER
L = ZO / 2 πfO
(H)
C = 1/2
πfO ZO (F)
L
CC


Similar Part No. - UM9401_05

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM9401 MICROSEMI-UM9401_09 Datasheet
401Kb / 7P
   COMMERCIAL TWO WAY RADIO ANTENNA SWITCH DIODES
More results

Similar Description - UM9401_05

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM9401 MICROSEMI-UM9401_09 Datasheet
401Kb / 7P
   COMMERCIAL TWO WAY RADIO ANTENNA SWITCH DIODES
logo
Laird Tech Smart Techno...
EXL LSTD-EXL Datasheet
199Kb / 1P
   Two-Way Radio Antenna
EXH LSTD-EXH Datasheet
292Kb / 1P
   Two-Way Radio Antenna
EXP LSTD-EXP Datasheet
191Kb / 1P
   Two-Way Radio Antenna
WTS-2450 LSTD-WTS-2450 Datasheet
975Kb / 1P
   External Two-Way Radio Antenna
logo
Beken Corporation
BK4819 BEKEN-BK4819 Datasheet
2Mb / 22P
   Analog Two Way Radio IC
Rev.1.0
logo
Asahi Kasei Microsystem...
AK2346B AKM-AK2346B Datasheet
307Kb / 31P
   Two-way Radio Audio Processor
logo
Holtek Semiconductor In...
HT98F069 HOLTEK-HT98F069 Datasheet
7Mb / 136P
   Two Way Radio Flash MCU
logo
Asahi Kasei Microsystem...
AK2346A AKM-AK2346A Datasheet
389Kb / 37P
   Two-way Radio Audio Processor
logo
Microsemi Corporation
UPP9401E3 MICROSEMI-UPP9401E3 Datasheet
72Kb / 2P
   POWERMITE TM PACKAGE COMMERCIAL TWO-WAY RADIO ANTENNA SWITCH DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com