Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4BS-55FS Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # D4BS-55FS
Description  Safety-door Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4BS-55FS Datasheet(HTML) 9 Page - Omron Electronics LLC

  D4BS-55FS Datasheet HTML 1Page - Omron Electronics LLC D4BS-55FS Datasheet HTML 2Page - Omron Electronics LLC D4BS-55FS Datasheet HTML 3Page - Omron Electronics LLC D4BS-55FS Datasheet HTML 4Page - Omron Electronics LLC D4BS-55FS Datasheet HTML 5Page - Omron Electronics LLC D4BS-55FS Datasheet HTML 6Page - Omron Electronics LLC D4BS-55FS Datasheet HTML 7Page - Omron Electronics LLC D4BS-55FS Datasheet HTML 8Page - Omron Electronics LLC D4BS-55FS Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
D-112
Safety Sensors / Components
Wiring
Do not connect the lead wires directly to the terminals. Connect the
lead wires through insulation tubes and M3.5 crimp terminals.
Tighten each terminal screw within the proper torque range.
The proper lead wire is AWG20 to AWG14 (0.5 to 2.5 mm2) in size.
Make sure that all crimp terminals are correctly connected and
located within the casing or cover as shown below.
Connector
Tighten the connector to a suitable torque. Excessive tightening
torque may damage the casing.
When using a 1/2-14NPT conduit, apply sealing tape between con-
nector and conduit opening so that the enclosure will confirm to IP67.
If using a Pg13.5 conduit, use an ABS-08 Pg13.5 connector or an
ABS-12 Pg13.5 connector (manufactured by Nippon Flex).
Use a connector (SC Series, sold separately) suitable for the outer
diameter of the cable.
When wiring a 3-conduit model, securely tighten the cap screw pro-
vided for unused conduit openings.
Maintenance and Repairs
The user must not maintain or repair equipment incorporating any
D4BS model. Contact the manufacturer of the equipment for any
maintenance or repairs required.
D dia.
dz dia.
dz dia.: 3.7
D dia.:
4.5
B:
7.0
L:
20.2
F:
7.7
I:
9.0 (mm)
Casing
Cover
Terminal screw
Crimp terminal
Terminal screw
Casing
Terminal screw
Cover
Crimp terminal
Correct
Correct
Incorrect
Incorrect
Crimp
terminal
Crimp terminal
Crimp terminal


Similar Part No. - D4BS-55FS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4BS-55FS OMRON-D4BS-55FS Datasheet
1Mb / 9P
   The Special Operation Key Activates a Direct Opening Mechanism to Open the Contacts
More results

Similar Description - D4BS-55FS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D4DS ETC1-D4DS Datasheet
1Mb / 12P
   Safety-Door Switch
logo
Omron Electronics LLC
D4NL OMRON-D4NL Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
D4BL OMRON-D4BL Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
logo
Highly Electric Co., Lt...
EK-1-15-F HIGHLY-EK-1-15-F Datasheet
2Mb / 4P
   EK SERIES SAFETY DOOR SWITCH
logo
List of Unclassifed Man...
D4DL ETC-D4DL Datasheet
226Kb / 16P
   Compact Guard-locking Interlock Safety Door Switch
logo
Omron Electronics LLC
D4SL-N OMRON-D4SL-N Datasheet
5Mb / 27P
   Worlds smallest Class 6-contact Guard Lock Safety-door Switch
D2D OMRON-D2D Datasheet
937Kb / 8P
   Door Interlock Switch
D2T OMRON-D2T_1 Datasheet
388Kb / 6P
   Door Interlock Switch
D3DC OMRON-D3DC Datasheet
529Kb / 6P
   Miniature Door Switch
D3D OMRON-D3D Datasheet
781Kb / 6P
   Miniature Door Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com