Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA5632T Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA5632T
Description  9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5632T Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA5632T Datasheet HTML 2Page - NXP Semiconductors TDA5632T Datasheet HTML 3Page - NXP Semiconductors TDA5632T Datasheet HTML 4Page - NXP Semiconductors TDA5632T Datasheet HTML 5Page - NXP Semiconductors TDA5632T Datasheet HTML 6Page - NXP Semiconductors TDA5632T Datasheet HTML 7Page - NXP Semiconductors TDA5632T Datasheet HTML 8Page - NXP Semiconductors TDA5632T Datasheet HTML 9Page - NXP Semiconductors TDA5632T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1996 Aug 16
6
Philips Semiconductors
Product specification
9 V VHF and UHF mixers/oscillators for TV
and VCR cable tuners
TDA5632; TDA5633
CHARACTERISTICS
VP =9V; Tamb =25 °C; measured in circuit of Fig.10; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
8.1
9.0
9.9
V
IP
supply current
40
48
mA
VSW
switching voltage
band A
0
2.0
V
band C
3.0
5.0
V
ISW
switching current
band A
−−
2
µA
band C
−−
10
µA
Band A mixer including IF amplifier
fRF
frequency range
note 1
57.5
357.5
MHz
Gv
voltage gain
fRF = 57.5 MHz; RL =75 Ω; see Fig.4
16.5
19
21.5
dB
fRF = 357.5 MHz; RL =75 Ω; see Fig.4
16.5
19
21.5
dB
NF
noise figure
fRF = 50 MHz; RL =75 Ω; see Fig.5
7.5
9.5
dB
fRF = 150 MHz; RL =75 Ω; see Fig.5
8.5
10.5
dB
fRF = 300 MHz; RL =75 Ω−
10
12.5
dB
Vo
output voltage causing 1%
cross modulation in channel
fRF = 57.5 MHz; RL =75 Ω; see Fig.6
107
110
dB
µV
fRF = 357.5 MHz; RL =75 Ω; see Fig.6
107
110
dB
µV
Vi
input voltage causing 10 kHz
pulling in channel
fRF = 357.5 MHz; RL =75 Ω; see note 2
91
dB
µV
gos
optimum source
conductance for noise figure
fRF = 50 MHz; RL =75 Ω−
0.5
mS
fRF = 150 MHz; RL =75 Ω−
1.1
mS
fRF = 300 MHz; RL =75 Ω−
1.9
mS
gi
input conductance
fRF = 57.5 MHz
0.27
mS
fRF = 357.5 MHz
0.68
mS
Ci
input capacitance
fRF = 57.5 to 357.5 MHz; RL =75 Ω−
2
pF
Band A oscillator
fosc
frequency range
note 3
101
401
MHz
fshift
frequency shift
∆VP = 10%; note 4
−−
200
kHz
fdrift
frequency drift
∆T=25 °C with no compensation;
NP0 capacitors; note 5
−−
1200
kHz
5 s to 15 min after switch on; note 6
−−
400
kHz


Similar Part No. - TDA5632T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA5630M PHILIPS-TDA5630M Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5630T PHILIPS-TDA5630T Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5631 PHILIPS-TDA5631 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
More results

Similar Description - TDA5632T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5636 PHILIPS-TDA5636 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5736 PHILIPS-TDA5736 Datasheet
290Kb / 28P
   5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
1997 Feb 24
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA6502 PHILIPS-TDA6502 Datasheet
200Kb / 44P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Mar 16
TDA6402 PHILIPS-TDA6402 Datasheet
195Kb / 40P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Jan 24
TDA5634T PHILIPS-TDA5634T Datasheet
116Kb / 20P
   9 V UHF mixer/oscillator for TV and VCR tuners
1996 Nov 7
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5330T PHILIPS-TDA5330T Datasheet
154Kb / 16P
   VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
January 1988
TDA5732M PHILIPS-TDA5732M Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com