Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C61102JX7R2 Datasheet(PDF) 2 Page - Bi technologies

Part # C61102JX7R2
Description  Single-In-Line Conformal Coated Capacitor Networks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

C61102JX7R2 Datasheet(HTML) 2 Page - Bi technologies

  C61102JX7R2 Datasheet HTML 1Page - Bi technologies C61102JX7R2 Datasheet HTML 2Page - Bi technologies C61102JX7R2 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
4-36
Model C Series
12
3
n
12
n + 1
2
n
12
3
n
n-1
4
n-1
n -1
12
n
n-1
34
12
n
n-2
3
n-1
-1 Circuit
-2 Circuit
-4 Circuit
-3 Circuit
-8 Circuit
SCHEMATICS
.300
7.62
Max.
.100(2.54mm) x n + .050(1.27mm) Max.
.100
±.010
2.54
±0.25
.130
3.3
Max.
.138
±0.03
3.5
±0.8
n = # of Leads
OUTLINE DIMENSIONS (Inch/mm)


Similar Part No. - C61102JX7R2

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
C611 NJSEMI-C611 Datasheet
84Kb / 1P
   For High Volume Light Industrial, Computer, and Consumer Applications
logo
EPCOS
C61157-A7-A103 EPCOS-C61157-A7-A103 Datasheet
74Kb / 7P
   SAW IF filter Satellite radio
C61157-A7-A103 EPCOS-C61157-A7-A103 Datasheet
61Kb / 7P
   SAW IF filter Satellite radio
C61157-A7-A103 EPCOS-C61157-A7-A103 Datasheet
96Kb / 10P
   SAW IF filter Satellite radio
C61157-A7-A103 EPCOS-C61157-A7-A103 Datasheet
85Kb / 10P
   SAW IF filter Satellite radio
More results

Similar Description - C61102JX7R2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CS201 VISHAY-CS201_08 Datasheet
106Kb / 3P
   Capacitor Networks, Single-In-Line,Conformal Coated SIP,
Revision: 07-Aug-08
CS201 VISHAY-CS201 Datasheet
111Kb / 3P
   Capacitor Networks, Single-In-Line, Conformal Coated SIP D Profile
Revision: 09-Jan-07
TRC VISHAY-TRC Datasheet
85Kb / 3P
   Thick Film Resistor/Capacitor Networks, Single-In-Line, Conformal Coated SIP
23-Jan-13
CSC10A01560RGEK VISHAY-CSC10A01560RGEK Datasheet
397Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
logo
List of Unclassifed Man...
NRN7LB184 ETC1-NRN7LB184 Datasheet
147Kb / 2P
   SINGLE-IN-LINE SIP RESISTOR NETWORKS CONFORMAL COATED LOW PROFILE
logo
Vishay Siliconix
CSC VISHAY-CSC Datasheet
401Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
TAS VISHAY-TAS Datasheet
416Kb / 5P
   Conformal, Single-In-Line Resistor Networks
Revision: 15-Nov-07
VTF VISHAY-VTF Datasheet
235Kb / 4P
   Conformal, Single In-Line Resistor Networks (Custom)
Revision: 16-May-07
CS206 VISHAY-CS206 Datasheet
333Kb / 2P
   Resistor/Capacitor Networks ECL Terminators and Line Terminator, Conformal Coated, SIP
Revision 10-Sep-04
VTF2 VISHAY-VTF2 Datasheet
751Kb / 9P
   Conformal, Single In-Line Resistor Networks (Standard)
Revision: 05-Mar-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com