Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA5632 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA5632
Description  9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5632 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA5632 Datasheet HTML 3Page - NXP Semiconductors TDA5632 Datasheet HTML 4Page - NXP Semiconductors TDA5632 Datasheet HTML 5Page - NXP Semiconductors TDA5632 Datasheet HTML 6Page - NXP Semiconductors TDA5632 Datasheet HTML 7Page - NXP Semiconductors TDA5632 Datasheet HTML 8Page - NXP Semiconductors TDA5632 Datasheet HTML 9Page - NXP Semiconductors TDA5632 Datasheet HTML 10Page - NXP Semiconductors TDA5632 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1996 Aug 16
7
Philips Semiconductors
Product specification
9 V VHF and UHF mixers/oscillators for TV
and VCR cable tuners
TDA5632; TDA5633
Notes
1. The RF frequency range is defined by the oscillator frequency range and the intermediate frequency.
2. The input level causing 10 kHz detuning at the LO output; fosc =fRF + 43.5 MHz.
3. Limits are related to the tank circuit used in Fig.10. Frequency bands may be adjusted by the choice of external
components. Another UHF frequency range is available by modifying the tank circuit. The modification enables the
following frequency range:
a) RF frequencies from 363.5 to 803.5 MHz.
b) Oscillator frequencies from 407 to 847 MHz. For this UHF range, L4 = 3 turns (diameter = 3.5 mm).
4. The frequency shift is defined as the change in oscillator frequency when the supply voltage varies from
VP = 9 to 8.1 V or VP = 9 to 9.9 V.
5. The frequency drift is defined as the change in oscillator frequency when the ambient temperature varies from
Tamb =25to0 oC or Tamb =25to50 oC.
6. Switch on drift is defined as the change in oscillator frequency between 5 s and 15 min after switch on.
7. SRF: spurious signal on LO output with respect to LO signal:
a) RF voltage level = 1 V at fRF = 57.5 to 225 MHz.
b) RF level = 2.5 dBm at fRF = 225 to 357.5 MHz.
c) RF level =
−10 dBm at fRF = 469.5 to 887.5 MHz.
Band C mixer including IF amplifier
fRF
frequency range
note 1
469.5
887.5
MHz
Gv
voltage gain
fRF = 469.50 MHz; RL =75 Ω; see Fig.7
27
30
33
dB
fRF = 887.5 MHz; RL =75 Ω; see Fig.7
27
30
33
dB
NF
noise figure
(not corrected for image)
fRF = 469.50 MHz; RL =75 Ω−
7.5
9.5
dB
fRF = 887.5 MHz; RL =75 Ω−
9.5
11.5
dB
Vo
output voltage causing 1%
cross modulation in channel
fRF = 887.5 MHz; RL =75 Ω; see Fig.8
107
110
dB
µV
Zi
input impedance (Rs +Ls)Rs; fRF = 469.50 MHz
30
−Ω
Ls; fRF = 887.5 MHz
12
nH
Vi
input voltage causing 10 kHz
pulling in channel
RL =75 Ω; note 2
82
dB
µV
Band C oscillator
fosc
frequency range
note 3
513
931
MHz
fshift
frequency shift
∆VP = 10%; note 4
−−
500
kHz
fdrift
frequency drift
∆T=25 °C with compensation; note 5
−−
900
kHz
5 s to 15 min after switching on; note 6
−−
400
kHz
LO output
VO
output voltage
RL =50 Ω
83
91
100
dB
µV
SRF
spurious signal on LO output
with respect to LO output
signal
RL =50 Ω; note 7
−−14
−10
dB
SHD
LO signal harmonics with
respect to LO signal
RL =50 Ω−
−11
−10
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA5632

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA5630M PHILIPS-TDA5630M Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5630T PHILIPS-TDA5630T Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5631 PHILIPS-TDA5631 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
More results

Similar Description - TDA5632

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5636 PHILIPS-TDA5636 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5736 PHILIPS-TDA5736 Datasheet
290Kb / 28P
   5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
1997 Feb 24
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA6502 PHILIPS-TDA6502 Datasheet
200Kb / 44P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Mar 16
TDA6402 PHILIPS-TDA6402 Datasheet
195Kb / 40P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Jan 24
TDA5634T PHILIPS-TDA5634T Datasheet
116Kb / 20P
   9 V UHF mixer/oscillator for TV and VCR tuners
1996 Nov 7
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5330T PHILIPS-TDA5330T Datasheet
154Kb / 16P
   VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
January 1988
TDA5732M PHILIPS-TDA5732M Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com