Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCP1000 Datasheet(PDF) 2 Page - VTI technologies

Part # SCP1000
Description  ABSOLUTE PRESSURE SENSOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCP1000 Datasheet(HTML) 2 Page - VTI technologies

  SCP1000 Datasheet HTML 1Page - VTI technologies SCP1000 Datasheet HTML 2Page - VTI technologies SCP1000 Datasheet HTML 3Page - VTI technologies SCP1000 Datasheet HTML 4Page - VTI technologies SCP1000 Datasheet HTML 5Page - VTI technologies SCP1000 Datasheet HTML 6Page - VTI technologies SCP1000 Datasheet HTML 7Page - VTI technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SCP1000 Series
VTI Technologies Oy
Subject to changes
2/7
www.vti.fi
Electrical Characteristics
Vdd = 2.7 V and ambient temperature unless otherwise specified
Parameter
Condition
Min.
Typ
Max.
Units
Supply voltage Vdd
2.4
3.3
V
High resolution mode
25
µA
High speed mode
25
µA
Ultra low power mode
3.5
µA
Current Consumption
Power down
200
500
nA
Output Load
@ 500 kHz
50
pF
Digital Pins Input Capacitance
1.6
pF
SPI Clock Frequency
500
kHz
I
2C Clock Frequency
400
kHz
Data Transfer Time
@ 500 kHz
120
µs
Performance Characteristics
(4
Parameter
Condition
Min.
Typ
Max.
Units
Operating Pressure Range
Nominal
30
120
kPa
Operating Temperature
-20
+70
°C
Resolution
(5
High resolution mode
1.5
3
Pa
High speed mode
3
6
Pa
Relative Pressure Accuracy
(5
600 hPa...1200 hPa
+10 °C ... +40 °C
-50
+50
Pa
Absolute Pressure Accuracy
(5
600 hPa...1200 hPa
+10 °C ... +40 °C
-150
+150
Pa
Absolute Pressure Accuracy
(5
300 hPa...1200 hPa
-20 °C ... +70 °C
-200
+400
Pa
Long-term Stability
12 months
+100
Pa
Digital pressure output data
word length
19
bits
Digital temperature output data
word length
14
bits
Pressure Data Output Refresh
Rate
High resolution mode
1.8
Hz
High speed mode
9
Hz
Temp. Resolution
0.2
0.5
°C
Temp. Accuracy
-2
±1
+2
°C
Note 4 Soldered components. Detailed information about the effect of soldering and mounting can be found in SCP1000 Pressure
Sensor Assembly Instructions (Technical Note 51)
Note 5 Typical = Median, Min. /Max. = 95% of the components within the population


Similar Part No. - SCP1000

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SCP1000 MURATA-SCP1000 Datasheet
393Kb / 7P
   SCP1000 SERIES (120 kPa) ABSOLUTE PRESSURE SENSOR Level gauging
SCP1000-D01 MURATA-SCP1000-D01 Datasheet
393Kb / 7P
   SCP1000 SERIES (120 kPa) ABSOLUTE PRESSURE SENSOR Level gauging
SCP1000-D11 MURATA-SCP1000-D11 Datasheet
393Kb / 7P
   SCP1000 SERIES (120 kPa) ABSOLUTE PRESSURE SENSOR Level gauging
More results

Similar Description - SCP1000

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
KP125N4115 INFINEON-KP125N4115 Datasheet
715Kb / 24P
   Absolute Pressure Sensor
Rev 1.01, 2007-11-23
logo
Omron Electronics LLC
2SMPB-01-01 OMRON-2SMPB-01-01 Datasheet
2Mb / 18P
    Absolute Pressure Sensor
logo
Silicon Microstructures...
SM5420E SMI-SM5420E Datasheet
539Kb / 5P
   Absolute Pressure Sensor
logo
Infineon Technologies A...
KP123 INFINEON-KP123 Datasheet
722Kb / 24P
   Absolute Pressure Sensor
Rev 1.02, 2007-11-23
KP124 INFINEON-KP124 Datasheet
727Kb / 24P
   Absolute Pressure Sensor
Rev 1.02, 2007-11-23
KP126N6165 INFINEON-KP126N6165 Datasheet
778Kb / 24P
   Absolute Pressure Sensor
November 2007 Rev 1.02
KP125 INFINEON-KP125 Datasheet
729Kb / 24P
   Absolute Pressure Sensor
Rev 2.14, 2007-11-23
logo
Melexis Microelectronic...
MLX90818 MELEXIS-MLX90818 Datasheet
1Mb / 37P
   Absolute Pressure Sensor
MLX90815 MELEXIS-MLX90815 Datasheet
142Kb / 6P
   Discrete Absolute Pressure Sensor
MLX90269 MELEXIS-MLX90269 Datasheet
179Kb / 9P
   Absolute Integrated Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com