Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCA3000-D02 Datasheet(PDF) 2 Page - VTI technologies

Part # SCA3000-D02
Description  3-AXIS LOW POWER ACCELEROMETER WITH DIGITAL I2C INTERFACE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000-D02 Datasheet(HTML) 2 Page - VTI technologies

  SCA3000-D02 Datasheet HTML 1Page - VTI technologies SCA3000-D02 Datasheet HTML 2Page - VTI technologies SCA3000-D02 Datasheet HTML 3Page - VTI technologies SCA3000-D02 Datasheet HTML 4Page - VTI technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SCA3000-D02
VTI Technologies Oy
PRELIMINARY - Subject to changes
2/4
www.vti.fi
Doc. Nr. 8255800A.01
Rev.A.01
Performance Characteristics
1)
Typical supply range
2.35 – 2.7 V
Extended supply
range 2.7 – 3.6 V
Units
Parameter
Condition
Min
Typ
2)
Max
Min
Typ
2)
Max
Analog and digital Vdd
2.35
2.5
2.7
-
3.3
-
V
Digital I/O Vdd
Vdd ≥ Digital I/O Vdd
1.7
1.8 / 2.5
2.7
-
3.3
-
V
Operating temperature **
-40
-
85
-40
-
85
°C
Current consumption *
Reset
3)
-
<7
-
<9
-
µA
Active
-
650
-
800
-
µA
Motion Detection
mode
-
450
-
550
-
µA
Acceleration range *
4)
Nominal
-2
-
2
-
± 2
-
g
Offset calibration error *
Z-axis +1g position
-20
-
20
-
± 50
-
mg
Offset temperature error **
5)
-40 ... +85 °C
-
±0.5
-
±0.5
-
mg/°C
Sensitivity *
6)
-
1333
-
-
1333
-
Count/g
Sensitivity calibration error *
-1
-
+1
-
± 1
-
%
Sensitivity temperature error
**
7)
-40 ... +85 °C
-
±0.01
-
±0.0
-
%/°C
Non-Linearity **
8)
-
±1
-
±1
-
% FS
Cross-Axis sensitivity **
9)
-
±3
-
-
±3
-
%
Bandwidth **
10)
Measurement mode
36
45
54
-
45
-
Hz
Bypass measurement
mode
56
70
84
-
70
-
Hz
Noise **
11)
Measurement mode
-
3
-
3
-
mg RMS
Bypass measurement
mode
-
5
-
5
-
mg RMS
Output data rate **
200
250
300
-
260
-
Hz
Temperature output
T=+23 °C
256
-
256
-
Count
Sensitivity
1.8
-
1.8
-
Count/°C
Turn on time **
12)
Measurement mode
-
35
-
35
-
ms
Bypass measurement
mode
-
35
-
35
-
ms
I
2C clock rate **
-
-
400
-
-
400
kHz
*
100% tested in production
**
Qualified during product validation
1)
The product is factory calibrated at 2.5 V in room temperature.
2)
Typical values are not guaranteed.
3)
Includes the current through the internal 400 k
Ω pull-up resistor connected to digital I/O Vdd.
4)
Range defined as
g
z
y
x
2
2
2
2
+
+
. The measuring range is tested on sensing element level.
FS = 2g.
5)
Offset temperature error = {Count(0g)-Offset} / Sensitivity [ g ]. Sensitivity = Calibrated sensitivity.
Offset= Calibrated offset.
6)
Sensitivity = {Count(+1g) - Count(-1g)}/2 [Count/g].
7)
Sensitivity temperature error = {[Count(+1g)-Count(-1g)]/2 - Sensitivity} / Sensitivity x 100% [%].
Sensitivity = Calibrated sensitivity.
8)
From straight line through sensitivity calibration (+1g, -1g) points.
9)
The cross-axis sensitivity determines how much acceleration, perpendicular to the measuring axis,
couples to the output. The total cross-axis sensitivity is the geometric sum of the sensitivities of
the two axes which are perpendicular to the measuring axis. The angular alignment error
between X, Y and Z axis is included into the cross axis sensitivity.
10)
Frequency responses according to Figure 3 and Figure 4.
11)
Average noise/axis over the measurement bandwidth defined as
)
2
2
2
(
3
1
z
n
y
n
x
n
+
+
, where nx, ny and nz are
the measured signal's standard deviation due to noise in x, y and z directions.
12)
Settling error less than 1% of FS.


Similar Part No. - SCA3000-D02

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCA3000-D02 VTI-SCA3000-D02 Datasheet
936Kb / 43P
   Product Family Specification
SCA3000-D02-1 VTI-SCA3000-D02-1 Datasheet
936Kb / 43P
   Product Family Specification
SCA3000-D02-10 VTI-SCA3000-D02-10 Datasheet
936Kb / 43P
   Product Family Specification
SCA3000-D02-25 VTI-SCA3000-D02-25 Datasheet
936Kb / 43P
   Product Family Specification
More results

Similar Description - SCA3000-D02

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCA3000-E02 VTI-SCA3000-E02 Datasheet
207Kb / 4P
   3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL I2C INTERFACE
CMA3000-D01 VTI-CMA3000-D01 Datasheet
201Kb / 4P
   3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI AND I2C INTERFACE
SCA3000-D01 VTI-SCA3000-D01 Datasheet
209Kb / 4P
   3-AXIS LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3000-E01 VTI-SCA3000-E01 Datasheet
204Kb / 4P
   3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3000-E05 VTI-SCA3000-E05 Datasheet
193Kb / 4P
   3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3000-E04 VTI-SCA3000-E04 Datasheet
226Kb / 4P
   3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3100-D01 VTI-SCA3100-D01 Datasheet
106Kb / 3P
   3-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
logo
List of Unclassifed Man...
MXC6202G ETC1-MXC6202G Datasheet
965Kb / 10P
   Low Power, Low Profile 짹2 g Dual Axis Accelerometer with I2C Interface
logo
MEMSIC Semiconductor (T...
MXC6232XG MEMSIC-MXC6232XG Datasheet
236Kb / 8P
   Low Power, Low Profile 짹2 g Dual Axis Accelerometer with I2C Interface
Rev.A
logo
VTI technologies
SCA3100-D07 VTI-SCA3100-D07 Datasheet
129Kb / 4P
   3-AXIS HIGH PERFORMANCE ACCELEROMETER WITH DIGITAL SPI INTERFACE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com