Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SCA3000-D01 Datasheet(PDF) 1 Page - VTI technologies

Part No. SCA3000-D01
Description  3-AXIS LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VTI [VTI technologies]
Homepage  http://www.vti.fi
Logo 

SCA3000-D01 Datasheet(HTML) 1 Page - VTI technologies

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SCA3000-D01
VTI Technologies Oy
PRELIMINARY - Subject to changes
1/4
www.vti.fi
Doc.nr. 8255700A.01
Rev.A.01
INT
C/V
Analog
calibration
&
ADC
DE-
MUX
1:3
Low-pass
Filter
Low-pass
Filter
Low-pass
Filter
Decimation
Decimation
Decimation
Coordinate
Mapping
and
Calibration
Oscillator
&
clock
Motion
detector
Free fall
detector
Non-
Volatile
Memory
Reference
SPI
i/f
Control
&
INT
SCK
MISO
MOSI
CSB
Ring
Buffer
Temperature
sensor
SCA3000-D01 3-AXIS LOW POWER ACCELEROMETER
WITH DIGITAL SPI INTERFACE
Features
• 2.35 V – 3.6 V supply voltage,
1.7 V – 3.6 V digital I/O voltage
• ±2 g measurement range
• SPI digital interface
• Selectable frequency response
• Very low current consumption
(2.5 V, 480
µA typ)
• Temperature output
• 64 samples/axis buffer memory for output
acceleration data and advanced features
enable significant power and resource savings
at system level
• Interrupt signal triggered by motion and free
fall
• Size 7x7x1.8 mm
• Proven capacitive 3D-MEMS technology
• High shock durability
• RoHS compliant / lead free soldering
Applications
SCA3000-D01 is targeted to battery operated
devices. Typical applications are but not limited
Motion activated functions in mobile
terminals and antitheft systems
Inertial navigation
Inclination sensing in digital inclinometers
Tilt compensation in electronic compass
Figure 1
SCA3000-D01 Block Diagram
Data Sheet


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn