Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA5240 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA5240
Description  Brushless DC motor drive circuit
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5240 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA5240 Datasheet HTML 1Page - NXP Semiconductors TDA5240 Datasheet HTML 2Page - NXP Semiconductors TDA5240 Datasheet HTML 3Page - NXP Semiconductors TDA5240 Datasheet HTML 4Page - NXP Semiconductors TDA5240 Datasheet HTML 5Page - NXP Semiconductors TDA5240 Datasheet HTML 6Page - NXP Semiconductors TDA5240 Datasheet HTML 7Page - NXP Semiconductors TDA5240 Datasheet HTML 8Page - NXP Semiconductors TDA5240 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Philips Semiconductors
Product specification
TDA5240T
Brushless DC motor drive circuit
November 96
5/19
PINNING
SYMBOL
PIN
DESCRIPTION
GND1
1
ground (0 V) motor supply return for output stages
n.c.
2
not connected
MOT2
3
driver output 2
n.c.
4
not connected
VP
5
positive supply voltage
PGIN
6
position generator: input from the position detector sensor to the position detector
stage (optional)
FGPG
7
FG/PG (open collector)
GND2
8
ground supply return for control circuits
PGOUT
9
position generator output of the position detector stage
CAP–CDM
10
external capacitor connection for commutation delay timing
CAP–CDS
11
external capacitor connection for commutation delay timing copy
CAP–ST
12
external capacitor connection for start–up oscillator
CAP–TI
13
external capacitor connection for timing
CTL IN
14
non–inverting input of the control amplifier
MOT0
15
input from the start point of the motor coils
CAP–CPC
16
external capacitor for stability of control loop
n.c.
17
not connected
MOT3
18
driver output 3
n.c.
19
not connected
MOT1
20
driver output 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
GND1
n.c.
MOT2
VP
PGIN
FGPG
GND2
PGOUT
CAP–CDM
NC
MOT1
n.c.
MOT3
n.c.
CAP–CPC
MOT0
CTL IN
CAP–ST
CAP–TI
CAP–CDS
TDA5240T
Fig. 3 Pin configuration


Similar Part No. - TDA5240

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5240 INFINEON-TDA5240 Datasheet
13Mb / 284P
   Enhanced Sensitivity Multi-Channel Quad-Configuration Receiver
V4.0, February 2010
More results

Similar Description - TDA5240

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5143T PHILIPS-TDA5143T Datasheet
149Kb / 20P
   Brushless DC motor drive circuit
June 1994
TDA5146T PHILIPS-TDA5146T Datasheet
266Kb / 18P
   Brushless DC motor drive circuit
1994 May 18
TDA5140A PHILIPS-TDA5140A Datasheet
240Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5142T PHILIPS-TDA5142T Datasheet
267Kb / 20P
   Brushless DC motor drive circuit
June 1994
TDA5144 PHILIPS-TDA5144 Datasheet
231Kb / 20P
   Brushless DC motor drive circuit
June 1994
TDA5145TS PHILIPS-TDA5145TS Datasheet
118Kb / 20P
   Brushless DC motor drive circuit
1998 Oct 27
TDA5141 PHILIPS-TDA5141 Datasheet
268Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5241 PHILIPS-TDA5241 Datasheet
3Mb / 19P
   Brushless DC motor drive circuit
November 96
TDF5140A PHILIPS-TDF5140A Datasheet
120Kb / 19P
   Brushless DC motor drive circuit
1999 March 15
TDA5145 PHILIPS-TDA5145 Datasheet
249Kb / 24P
   Brushless DC motor drive circuit
June 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com