Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA5240T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA5240T
Description  Brushless DC motor drive circuit
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5240T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA5240T Datasheet HTML 4Page - NXP Semiconductors TDA5240T Datasheet HTML 5Page - NXP Semiconductors TDA5240T Datasheet HTML 6Page - NXP Semiconductors TDA5240T Datasheet HTML 7Page - NXP Semiconductors TDA5240T Datasheet HTML 8Page - NXP Semiconductors TDA5240T Datasheet HTML 9Page - NXP Semiconductors TDA5240T Datasheet HTML 10Page - NXP Semiconductors TDA5240T Datasheet HTML 11Page - NXP Semiconductors TDA5240T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Philips Semiconductors
Product specification
TDA5240T
Brushless DC motor drive circuit
November 96
8/19
Symbol
Unit
Max
Typ
Min
Conditions
Parameter
PG IN
VI
Input voltage range
–0.3
+5
V
IB
Input bias current
650
nA
RI
Input resistance
5
30
k
W
VCSW
Comparator switching level
86
93
107
mV
+/–VIAMP
Comparator input hysteresis
8
mV
PG OUT (open collector)
VOL
Output voltage LOW
IO = 1.6 mA
0.4
V
VOHmax
Output voltage HIGH
VP
V
tTHL
Transition time
HIGH-to-LOW;
CL = 50 pF;
RL = 10 k
W
0.5
ms
tPL
Pulse width LOW
4
10
ms
FG/PG (open collector)
VOL
Output voltage LOW
IO =1.6 mA
0.4
V
VOHmax
Maximum output voltage HIGH
VP
V
tTHL
Transition time
HIGH–to–LOW
CL = 50 pF
RL = 10 k
W
0.5
ms
Ratio of FG frequency and
commutation frequency
1:2
d
Duty factor
50
%
tPL
Pulse width LOW
after a PG IN pulse
5
7
15
ms
CAP–ST
II
Output sink current
1.5
2.0
2.5
mA
IO
Output source current
–2.5
–2.0
–1.5
mA
VSWL
Lower switching level
0.20
V
VSWM
Middle switching level
0.30
V
VSWH
Upper switching level
2.20
V
CAP–TI
II
Output sink current
22
30
38
mA
IOH
Output source current HIGH
–70
–63
–56
mA
IOL
Lower source current LOW
–6.0
–5.3
–4.6
mA
VSWL
Lower switching level
50
mV
VSWM
Middle switching level
0.30
V
VSWH
Upper switching level
2.20
V
CAP–CDM
II
Output sink current
10.6
16.2
22
mA
IO
Output source current
–5.3
–8.1
–11
mA
II/IO
Ratio of sink to source current
1.85
2.05
2.25
VIL
Input voltage level LOW
780
860
940
mV
VIH
Input voltage level HIGH
2.3
2.4
2.55
V


Similar Part No. - TDA5240T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5240 INFINEON-TDA5240 Datasheet
13Mb / 284P
   Enhanced Sensitivity Multi-Channel Quad-Configuration Receiver
V4.0, February 2010
More results

Similar Description - TDA5240T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5143T PHILIPS-TDA5143T Datasheet
149Kb / 20P
   Brushless DC motor drive circuit
June 1994
TDA5146T PHILIPS-TDA5146T Datasheet
266Kb / 18P
   Brushless DC motor drive circuit
1994 May 18
TDA5140A PHILIPS-TDA5140A Datasheet
240Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5142T PHILIPS-TDA5142T Datasheet
267Kb / 20P
   Brushless DC motor drive circuit
June 1994
TDA5144 PHILIPS-TDA5144 Datasheet
231Kb / 20P
   Brushless DC motor drive circuit
June 1994
TDA5145TS PHILIPS-TDA5145TS Datasheet
118Kb / 20P
   Brushless DC motor drive circuit
1998 Oct 27
TDA5141 PHILIPS-TDA5141 Datasheet
268Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5241 PHILIPS-TDA5241 Datasheet
3Mb / 19P
   Brushless DC motor drive circuit
November 96
TDF5140A PHILIPS-TDF5140A Datasheet
120Kb / 19P
   Brushless DC motor drive circuit
1999 March 15
TDA5145 PHILIPS-TDA5145 Datasheet
249Kb / 24P
   Brushless DC motor drive circuit
June 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com