Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGE2684-1G Datasheet(PDF) 2 Page - Microsemi Corporation

Part # SGE2684-1G
Description  6W LMT3811 60.7:1 Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SGE2684-1G Datasheet(HTML) 2 Page - Microsemi Corporation

  SGE2684-1G Datasheet HTML 1Page - Microsemi Corporation SGE2684-1G Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specification Number
SGE2684-1G
Revision. A (082905)
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2004
Rev. A, 2005-08-29
6W LMT3811 60.7:1 Transformer
TM
®
NOTES
PRODUCTION DATA – Information contained in this document is proprietary to
Microsemi and is current as of publication date. This document may not be modified in
any way without the express written consent of Microsemi. Product processing does not
necessarily include testing of all parameters. Microsemi reserves the right to change the
configuration and performance of the product and to discontinue product at any time.


Similar Part No. - SGE2684-1G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SGE2681-1G MICROSEMI-SGE2681-1G Datasheet
174Kb / 2P
   4W LMT2110 36.4:1 Transformer
SGE2681-1GTR MICROSEMI-SGE2681-1GTR Datasheet
174Kb / 2P
   4W LMT2110 36.4:1 Transformer
SGE2682-1G MICROSEMI-SGE2682-1G Datasheet
342Kb / 2P
   4W LMT2110 32.0:1 Transformer
SGE2682-1GTR MICROSEMI-SGE2682-1GTR Datasheet
342Kb / 2P
   4W LMT2110 32.0:1 Transformer
SGE2685-1G MICROSEMI-SGE2685-1G Datasheet
167Kb / 2P
   7W LMT3210 62.5:1 Transformer
More results

Similar Description - SGE2684-1G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SGE2660-3G MICROSEMI-SGE2660-3G Datasheet
175Kb / 2P
   6W LMT3811 20.8:1 Transformer
SGE2643-3G MICROSEMI-SGE2643-3G Datasheet
175Kb / 2P
   6W LMT3811 42.5:1 Transformer
SGE2655-3G MICROSEMI-SGE2655-3G Datasheet
175Kb / 2P
   6W LMT3811 35.4:1 Transformer
SGE2644-1G MICROSEMI-SGE2644-1G Datasheet
193Kb / 2P
   6W LMT3811 28.3:1 Transformer
SGE2642-1G MICROSEMI-SGE2642-1G Datasheet
194Kb / 2P
   6W LMT3811 38.6:1 Transformer
SGE2645-1G MICROSEMI-SGE2645-1G Datasheet
194Kb / 2P
   6W LMT3811 75.0:1 Transformer
SGE2692-3G MICROSEMI-SGE2692-3G Datasheet
177Kb / 2P
   6W LMT3811 85.0:1 Transformer
SGE2641-1G MICROSEMI-SGE2641-1G Datasheet
193Kb / 2P
   6W LMT3811 47.2:1 Transformer
SGE2641-3G MICROSEMI-SGE2641-3G Datasheet
182Kb / 2P
   6W LMT3811 47.2:1 Transformer
SGE2644-3G MICROSEMI-SGE2644-3G Datasheet
176Kb / 2P
   6W LMT3811 28.3:1 Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com