Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA5149G Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA5149G
Description  12 V Voice Coil Motor VCM driver and spindle motor pre-driver combination chip
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5149G Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA5149G Datasheet HTML 1Page - NXP Semiconductors TDA5149G Datasheet HTML 2Page - NXP Semiconductors TDA5149G Datasheet HTML 3Page - NXP Semiconductors TDA5149G Datasheet HTML 4Page - NXP Semiconductors TDA5149G Datasheet HTML 5Page - NXP Semiconductors TDA5149G Datasheet HTML 6Page - NXP Semiconductors TDA5149G Datasheet HTML 7Page - NXP Semiconductors TDA5149G Datasheet HTML 8Page - NXP Semiconductors TDA5149G Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1996 May 06
3
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and
spindle motor pre-driver combination chip
TDA5149G
BLOCK DIAGRAMS
Fig.1 Block diagram of the spindle part.
handbook, full pagewidth
MGE657
SAWTOOTH
OSCILLATOR
SERIAL
PORT
VPARK
VCM_CONT1
VCM_CONT2
VGAINSEL
SLEEP
COMMUT. DELAYS
SBRAKE
SDISABLE
SPINMODE
COMMCLOCK
INIT
TRIGGER
CSS2 dis
SPWM comp 1
SPWM comp 2
CSS2 short
CSS1 dis
CSS1 short
LOOP1 select
CHARGE
PUMP
BRAKE
DELAY
22
CSS1
CSS2 23
STOSC 24
FG 57
SCANTEST
56
SCANOUT
25
SENABLE 61
SDATA
59
SCLOCK
60
CLOCK
58
54 VDD
45 H0
3 H1
5 L1
6 H2
8 L2
9 H3
11 L3
4 MOT1
7 MOT2
2 MOT0
10 MOT3
19 ISPIN
13
14
SPINSENSEH
SPINSENSEL
63
62 CAPX2
CAPX1
12 V
CLAMP
to the
VCM
MOT1
MOT2
MOT3
3 k
3 k
1 k
3 k
from the
PWM DAC
Rsense
1
CAPY
IDRIVE
12
BRAKEPOWER
BRAKEDELAY
AGND
DGND
64
16
51
47
VDDA1
VDDD
55
27
from the
POR circuit
to the
LATCH
to the
VCM
DIGITAL
CONTROL
21
RPOS
20
SICOMP
18
SINTIN
15
SISENS
5
×
INTG
COMP
COMP
BEMF comp 1
BEMF comp 2
BEMF comp 3
DRIVER
DRIVER
DRIVER
DRIVER
DRIVER
DRIVER
COMP
COMP
COMP
0.4 V
LACTIVE
LHOLD
TDA5149G
1
2
3
1
2
3
4
5


Similar Part No. - TDA5149G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5140A PHILIPS-TDA5140A Datasheet
240Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5140AT PHILIPS-TDA5140AT Datasheet
240Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5141 PHILIPS-TDA5141 Datasheet
268Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5141A PHILIPS-TDA5141A Datasheet
268Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5141AT PHILIPS-TDA5141AT Datasheet
268Kb / 24P
   Brushless DC motor drive circuit
April 1994
More results

Similar Description - TDA5149G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5147K PHILIPS-TDA5147K Datasheet
154Kb / 32P
   12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
1996 Jul 26
TDA5147CH PHILIPS-TDA5147CH Datasheet
196Kb / 32P
   12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
1997 Jul 09
logo
Fairchild Semiconductor
FAN8620B FAIRCHILD-FAN8620B Datasheet
475Kb / 35P
   12V Spindle Motor and Voice Coil Motor Driver
KA2811C FAIRCHILD-KA2811C Datasheet
313Kb / 28P
   12V Spindle Motor and Voice Coil Motor Driver
logo
Texas Instruments
TLS2205 TI-TLS2205 Datasheet
775Kb / 31P
[Old version datasheet]   VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
logo
Fairchild Semiconductor
KA3120 FAIRCHILD-KA3120 Datasheet
782Kb / 43P
   SPINDLE & VOICE COIL MOTOR ONE CHIP DRIVER
FAN8621B FAIRCHILD-FAN8621B Datasheet
228Kb / 21P
   12V Spindle Motor and Voice Coil Motor Driver IC
logo
Vishay Siliconix
SI9961A VISHAY-SI9961A Datasheet
112Kb / 9P
   12-V Voice Coil Motor Driver
Rev. H, 03-May-04
SI9961 VISHAY-SI9961 Datasheet
69Kb / 8P
   12-V Voice Coil Motor Driver
Rev. G, 24-Jun-02
logo
STMicroelectronics
L7220 STMICROELECTRONICS-L7220 Datasheet
79Kb / 4P
   Disk drive spindle and VCM motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com