Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF26F Datasheet(PDF) 1 Page - Hongfa Technology

Part # HF26F
Description  SUBMINIATURE HIGH POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF26F Datasheet(HTML) 1 Page - Hongfa Technology

  HF26F Datasheet HTML 1Page - Hongfa Technology HF26F Datasheet HTML 2Page - Hongfa Technology HF26F Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
8;5fW
ChgmZ\m k^lblmZg\^
Db^e^\mkb\
lmk^g`ma
HONGFA RELAY
Chbe ihp^k
1EBOPMEN
:5f .Zm 6A ;VDC/
7KOEN+ Oma^k \hbe ohemZ`^ hg k^jn^lm3
Fbe^ Nh3?E6889=6
ISO>556TISO4TS6;>9> TISO69556 TOHSAS6=556 CERTIFIED
755< R^o3 7355
Fbe^ Nh3? 95568>>:
7KOEN+ Oger lhf^ mrib\Ze kZmbg`l Zk^ eblm^] Z[ho^3 I_ fhk^ ]^mZbel Zk^
k^jnbk^]1 ie^Zl^ \hgmZ\m nl3
=6
65A 7:5VAC
6 Fhkf A
6 Fhkf C
65A 7:5VAC
6 Fhkf A
6 Fhkf C
65A 7:5VAC
NO?65A 7:5VAC
NC? 9A 7:5VAC
31|*1
6C
A`Nb>5465
65A 7:5VAC
7:5VAC
6:A
7:55VA
:q65; OPS
:q659 OPS
ChgmZ\m ZkkZg`^f^gm
ChgmZ\m fZm^kbZe
ChgmZ\m kZmbg`
MZq3 lpbm\abg` ohemZ`^
MZq3 lpbm\abg` \nkk^gm
MZq3 lpbm\abg` ihp^k
M^\aZgb\Ze ^g]nkZg\^
Ee^\mkb\Ze ^g]nkZg\^
IglneZmbhg k^lblmZg\^
B^mp^^g \hbe - \hgmZ\ml
B^mp^^g hi^g \hgmZ\ml
Snk`^ ohemZ`^ .[^mp^^g \hbe - \hgmZ\ml/
Oi^kZm^ mbf^ .Zm ghfb3 ohem3/
R^e^Zl^ mbf^ .Zm ghfb3 ohem3/
Bhng\^ mbf^
T^fi^kZmnk^ kbl^ .Zm ghfb3 ohem3/
Sah\d k^lblmZg\^ .D^lmkn\mbhg/
Vb[kZmbhg k^lblmZg\^
Hnfb]bmr
Af[b^gm m^fi^kZmnk^
Fehplhe]^kbg` m^fi^kZmnk^
T^kfbgZmbhg
Ugbm p^b`am
Chglmkn\mbhg
655M .Zm :55VDC/
8955VAC 6fbg
6555VAC 6fbg
9555VAC
6:fl fZq3
6:fl fZq3
6:fl fZq3
;5K fZq3
6555f4l7.655`/
85Hs mh 955Hs 9`
95, mh =:, RH
295 mh =:
7;5 1:l
PCB
Aiikhq3 :3;`
Fenq ikhh_^]
6A
;=-6474,<=:0 3423 98?0: :05,@
.87<,.< /,<,
.3,:,.<0:4;<4.;
.845
NhfbgZe
VhemZ`^
VDC
Chbe
R^lblmZg\^
Pb\d2ni
VhemZ`^
VDC
Dkhi2hnm
VhemZ`^
VDC
MZq3
AeehpZ[e^
VhemZ`^
VDC
.845 /,<,
:
;
>
67
6=
77
79
53:
53;
53>
637
63=
737
739
<5q.6 65,/
655q.6 65,/
77:q.6 65,/
955q.6 65,/
>55q.6 65,/
689: q .6 65,/
6;55 q .6 65,/
=35
6535
693:
6=3:
7;35
8935
8:3:
;,10<@ ,99:8>,5 :,<472;
V Eqmk^f^er ehp\hlm
V 9555VAC lnk`^ ohemZ`^ .[^mp^^g \hbe Zg] \hgmZ\ml/
V 65A 7:5VAC .Zm =: / lpbm\abg` \ZiZ[bebmr
V Ce^ZkZg\^ 4 \k^^iZ`^ ]blmZg\^ f^^mbg` VDE598: 4 5<55
V CTI 7:54CTI 855 ZoZbeZ[e^
V UL>91 V25 _eZffZ[bebmr \eZll
V Egobkhgf^gmZe _kb^g]er ikh]n\m .RhHS \hfiebZgm/
V Onmebg^ Dbf^glbhgl? .6:35 q 6:35 q 7535/ ff
=5y.=:
>/0
.JQC27;F/
83<:
93:5
;3<:
>355
683:
6;3:
6=35
8;
83;
8;55 q .6 65,/
:735
7<35
Zm 78
955VAC
7KOEN+ Ta^ ]ZmZ lahpg Z[ho^ Zk^ bgbmbZe oZen^l3


Similar Part No. - HF26F

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF26F-T HONGFA-HF26F-T Datasheet
53Kb / 3P
   SUBMINIATURE HIGH POWER RELAY
HF26F-T/005-1HXXX HONGFA-HF26F-T/005-1HXXX Datasheet
53Kb / 3P
   SUBMINIATURE HIGH POWER RELAY
HF26F-T/005-1ZXXX HONGFA-HF26F-T/005-1ZXXX Datasheet
53Kb / 3P
   SUBMINIATURE HIGH POWER RELAY
HF26F-T/006-1HXXX HONGFA-HF26F-T/006-1HXXX Datasheet
53Kb / 3P
   SUBMINIATURE HIGH POWER RELAY
HF26F-T/006-1ZXXX HONGFA-HF26F-T/006-1ZXXX Datasheet
53Kb / 3P
   SUBMINIATURE HIGH POWER RELAY
More results

Similar Description - HF26F

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF3FA HONGFA-HF3FA Datasheet
61Kb / 3P
   SUBMINIATURE HIGH POWER RELAY
HF3FD HONGFA-HF3FD Datasheet
60Kb / 3P
   SUBMINIATURE HIGH POWER RELAY
HF3FA HONGFA-HF3FA Datasheet
61Kb / 3P
   SUBMINIATURE HIGH POWER RELAY
HF25F HONGFA-HF25F Datasheet
83Kb / 4P
   SUBMINIATURE HIGH POWER RELAY
HF21FF HONGFA-HF21FF Datasheet
54Kb / 3P
   SUBMINIATURE HIGH POWER RELAY
HF25F HONGFA-HF25F Datasheet
90Kb / 4P
   SUBMINIATURE HIGH POWER RELAY
logo
List of Unclassifed Man...
HF3FD ETC2-HF3FD Datasheet
68Kb / 2P
   SUBMINIATURE HIGH POWER RELAY
logo
Hongfa Technology
HF3FF HONGFA-HF3FF Datasheet
61Kb / 3P
   SUBMINIATURE HIGH POWER RELAY
HF12FF HONGFA-HF12FF Datasheet
53Kb / 3P
   SUBMINIATURE HIGH POWER RELAY
HF32F HONGFA-HF32F Datasheet
70Kb / 3P
   SUBMINIATURE HIGH POWER RELAY
HF7FD HONGFA-HF7FD Datasheet
53Kb / 3P
   SUBMINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com