Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HF18FF Datasheet(PDF) 3 Page - Hongfa Technology

Part No. HF18FF
Description  MINIATURE INTERMEDIATE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF18FF Datasheet(HTML) 3 Page - Hongfa Technology

  HF18FF Datasheet HTML 1Page - Hongfa Technology HF18FF Datasheet HTML 2Page - Hongfa Technology HF18FF Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
==
LJ:AJJ8 dddd 6=]> ddd
Zgpgle Hg_ep_k
SGF O_wmsr
Uck_piC :2 Ml a_qc md lm rmjcp_lac qfmul gl msrjglc bgkclqgmlC msrjglc bgkclqgml l:kk5 rmjcp_lac qfmsjb `c z97;kkD msrjglc bgkclqgml o:kk
_lb l>kk5 rmjcp_lac qfmsjb `c z97<kkD msrjglc bgkclqgml o>kk5 rmjcp_lac qfmsjb `c z97=kk7
;2 Wfc rmjcp_lac ugrfmsr glbga_rgle dmp SGF j_wmsr gq _ju_wq z97:kk7
1Fmrrmk tgcu2
1Fmrrmk tgcu2
; Jmpk G
< Jmpk G
= Jmpk G
; Jmpk G
< Jmpk G
= Jmpk G
<>k_v
97>
;
97>
>7A
*
;6{<7>
;:7>
<7>
:9
:<
B
:=
::
:;
?
;
:
>
<
=
@
A
; Jmpk G 1Zgrf OIH2
< Jmpk G 1Zgrf OIH2
1Zgrf OIH2
; Jmpk G
1HG5 Zgrf djw6ufccj bgmbc2
< Jmpk G
1HG5 Zgrf djw6ufccj bgmbc2
= Jmpk G
1HG5 Zgrf djw6ufccj bgmbc2
= Jmpk G
Uck_piC Jmp EG n_prq ugrf bgmbc5 rfc nmqgrgtc _lb lce_rgtc nmjc k_pigleq ml ugpgle bg_ep_k _pc lmr _nnjga_`jc7
BGF?>A: 9>@:AE>BAE- I>D>A< 9>6<D6@ 6A9 C8 7B6D9 ?6KBGF
XlgrC kk
Rsrjglc Hgkclqgmlq
Pmslrgle Lmjcq
:<7;
:<7;
:<7;
=7=
:=6
|:7<
::6
|:7<
A6
|:7<
:<
@
=
:
:=
B
?
<
:<
:=
@
=
A
>
:
;
B
?
<
B
>
:9
?
:
;
::
@
:;
A
<
=
:<
:=
:<
@
=
:
:=
B
?
<
:<
:=
@
=
A
>
:
;
B
?
<
B
>
:9
?
:
;
::
@
:;
A
<
=
:<
:=
^
4
^
4
^
4
:<
@
=
:
:=
B
?
<
:<
:=
@
=
A
>
:
;
B
?
<
B
>
:9
?
:
;
::
@
:;
A
<
=
:<
:=
^
4
^
4
^
4
497=
697;


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
JQX-13F MINIATURE INTERMEDIATE POWER RELAY 1  2  3  List of Unclassifed Manufacturers
HF14FW MINIATURE HIGH POWER RELAY 1  2  3  Hongfa Technology
JQX-105F-4_04 MINIATURE HIGH POWER RELAY 1  2  3  List of Unclassifed Manufacturers
HF10FF MINIATURE HIGH POWER RELAY 1  2  3  Hongfa Technology
HF10FH MINIATURE HIGH POWER RELAY 1  2  3  Hongfa Technology
DSP1-DC3V MINIATURE POWER RELAY IN DS RELAY SERIES 1  2  3  4  5  Nais(Matsushita Electric Works)
HF13F MINIATURE HIGH POWER RELAY 1  2  3  Hongfa Technology
HF14FF MINIATURE HIGH POWER RELAY 1  2  3  Hongfa Technology
CB1F-T-RM-12V HIGH POWER AUTOMOTIVE RELAY 1  2  3  4  Nais(Matsushita Electric Works)
PVY117 Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole Normally-Open 0-40V AC/DC 470mA 1  2  3  4  5  International Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn