Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HF14FW Datasheet(PDF) 1 Page - Hongfa Technology

Part No. HF14FW
Description  MINIATURE HIGH POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HONGFA [Hongfa Technology]
Homepage  http://www.hongfa.com
Logo 

HF14FW Datasheet(HTML) 1 Page - Hongfa Technology

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tn[h^[l^> Bjjlir2;64gX
T_hmcncp_> Bjjlir2974gX
1EBOPMEN
Gcf_ Oi2>F57895;
Dihn[]n l[ncha
Gcf_ Oi2>S=:9=6=8
Ec_f_]nlc]
mnl_hanb
Tbi]e l_mcmn[h]_
IPOHGB SFMBZ
Dicf jiq_l
Gcf_ Oi2>DRD46445445=99
JTP=445VJTP3UT5:=8= VJTP58445 VPITBT5<445 DFSUJGJFE
644; S_p2 6244
597
31~*1?
5B0 5C0 5D
94g .[n 5B 68WED/
BaThP60 BaD^P
S_mcmncp_> 5:B 6;;WBD368WED
5IQ 684WBD
UW1< 569WBD .OP ihfs/
6;;WBD 3 74WED
64B
9984WBD 3 8<4X
5r54; PQT
5r549PQT 5/
Dihn[]n [ll[ha_g_hn
Dihn[]n l_mcmn[h]_
Dihn[]n g[n_lc[f
N[r2 mqcn]bcha pifn[a_
N[r2 mqcn]bcha ]oll_hn
N[r2 mqcn]bcha jiq_l
N_]b[hc][f _h^ol[h]_
Ff_]nlc][f _h^ol[h]_
5444N .[n 944WED/
8444WBD 5gch
5444WBD 5gch
59gm g[r2
9gm g[r2
184 ni <9
=<, SI0 84
544g3m6 .54a/
5444g3m6 .544a/
54It ni 99It 529gg EB
QDC
Bjjlir2 5<29a
X[mb ncabn0 Gfor jlii`_^
6474,<=:0 3423 98?0: :05,@
.87<,.< /,<,
.3,:,.<0:4;<4.;
.845
. ;64gX /
;OBJDBMD <SLE
Oigch[f
Wifn[a_
WED
Dicf
S_mcmn[h]_
Qc]e1oj
Wifn[a_
WED
Elij1ion
Wifn[a_
WED
N[r2
Bffiq[\f_
Wifn[a_
WED
9
:
=
56
5<
68
8<
:4
7:r.5 54,/
94r.5 54,/
559r.5 54,/
644r.5 54,/
8:4r.5 54,/
<64r.5 54,/
7744 r .5 54,/
9544 r .5 54,/
72:
827
:29
<2:
5724
5;27
782:
8726
429
42:
42=
526
52<
628
82<
:24
929
:2:
=2=
5726
5=2<
6:28
962<
::24
Jhmof[ncih l_mcmn[h]_
C_nq__h ]icf - ]ihn[]nm
C_nq__h ij_h ]ihn[]nm
Pj_l[n_ ncg_ .[n higc2 pifn2/
S_f_[m_ ncg_ .[n higc2 pifn2/
Bg\c_hn n_gj_l[nol_
Iogc^cns
Goh]ncih[f
E_mnlo]ncp_
Wc\l[ncih l_mcmn[h]_
U_lgch[ncih
Vhcn q_cabn
Dihmnlo]ncih
X 64B mqcn]bcha ][j[\cfcns
X 8eW ^c_f_]nlc] mnl_hanb
.\_nq__h ]icf [h^ ]ihn[]nm/
X Ti]e_nm [p[cf[\f_
X X[mb ncabn [h^ `for jlii`_^ nsj_m [p[cf[\f_
X Fhpclihg_hn[f `lc_h^fs jli^o]n .SiIT ]igjfc[hn/
X Ponfch_ Ecg_hmcihm> .6=24 r 5724 r 6:29/ gg
.KRY158GX/
.845 /,<,
[n 67
7KOEN+ 5/ J` gil_ ^_n[cfm [\ion n_mncha g_nbi^ [l_ l_kocl_^0 jf_[m_
]ihn[]n om2
6/ Ub_ ^[n[ mbiqh [\ip_ [l_ chcnc[f p[fo_m2
7/ Qf_[m_ `ch^ ]icf n_gj_l[nol_ ]olp_ ch nb_ ]b[l[]n_lcmnc] ]olp_m
\_fiq2


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
JQX-105F-4_04MINIATURE HIGH POWER RELAY 1 2 3 List of Unclassifed Manufacturers
HF10FFMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF10FHMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF13FMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF14FFMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
JQX-13FMINIATURE INTERMEDIATE POWER RELAY 1 2 3 List of Unclassifed Manufacturers
CB1F-T-RM-12VHIGH POWER AUTOMOTIVE RELAY 1 2 3 4 Nais(Matsushita Electric Works)
HF3FFSUBMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF7FDSUBMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn