Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HF13F Datasheet(PDF) 1 Page - Hongfa Technology

Part No. HF13F
Description  MINIATURE HIGH POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF13F Datasheet(HTML) 1 Page - Hongfa Technology

  HF13F Datasheet HTML 1Page - Hongfa Technology HF13F Datasheet HTML 2Page - Hongfa Technology HF13F Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FE pulaA Cllnkt5 75@X pk858X
CE pulaA Cllnkt5 859WC pk 85?WC
6LHYZWLX
Heha Ok5AG8::;?8
Heha Ok5AS<78<;<8?
Feaha_pne_
opnajcpd
Tdk_g naoeop]j_a
JPOIHC SGMCZ
Ekeh lksan
Heha Ok5AERE7@7797:779? /FE pula0
ERE7@7797:779@ /CE pula0
:><7WC6;<7X
9<77WC6:77X
8t87> PQT
KTP@7783 KTP6UT8=@;@ 3 KTP8;7783 PJTCT8?7783 KGER RE 7?7777 EGSUKHKGF
978< Sar5 8577
:>
8<C 9<7WCE6:7WFE
87C 9<7WCE6:7WFE
A^C
87C 9<7WCE6:7WFE
86: JQ 9;7WCE6897WCE
8<C 9<7WCE6:7WFE
8 Hkni E
CcE`P
CcEa
8 Hkni E
9 Hkni E
9 Hkni E
8<C
9<7WCE6:7WFE
87C
9<7WCE6:7WFE
CcE`P
CcEa
8[ pulaA8t87<PQT /8<C 9<7WCE3
Saoeopera hk]`3 Skki pail53 8o kj@o kbb0
8[ pulaA8t87<PQT /8<C :7WFE3
Saoeopera hk]`3 Skki pail53 8o kj@o kbb0
9[ pulaA8t87<PQT /87C 9<7WCE3
Saoeopera hk]`3 Skki pail53 8o kj@o kbb0
9[ pulaA8t87<PQT /87C :7WFE3
Saoeopera hk]`3 Skki pail53 8o kj@o kbb0
N]t5 osep_dejc rkhp]ca
N]t5 osep_dejc _qnnajp
N]t5 osep_dejc lksan
Na_d]je_]h aj`qn]j_a
Ekjp]_p n]pejc
/Sao5 hk]`0
Gha_pne_]h aj`qn]j_a
8<C
87C
9<7WCE 6 :7WFE
1
1
<UYLX0 1 N]teiqi rkhp]ca nabano pk pda i]teiqi rkhp]ca sde_d nah]u
_keh _kqh` aj`qna ej ] odknp lanek` kb peia5
<UYLX0 80 Chh r]hqao qjola_ebea` ]na ]p nkki pailan]pqna5
90 Pjhu pule_]h hk]`o ]na heopa` ]^kra5 Ppdan hk]` ola_ebe_]pekjo
_]j^a ]r]eh]^ha qlkjnamqaop5
86,.6
8C38E
9C39E
877i i]t5/]p 8C =WFE0
Taa kn`anejc ejbk5
Ekjp]_p ]nn]jcaiajp
Ekjp]_p naoeop]j_a
Ekjp]_p i]pane]h
Kjoqh]pekj naoeop]j_a
Dapsaaj_keh . _kjp]_po
Dapsaajklaj_kjp]_po
Dapsaaj_kjp]_p oapo
Plan]pa peia /]p jkie5 rkhp50
Saha]oa peia /]p jkie5 rkhp50
Uailan]pqna neoa /jk4hk]`3 ]p jkie5rkhp50
Hqj_pekj]h
Faopnq_pera
We^n]pekjnaoeop]j_a
Jqie`epu
Ci^eajp pailan]pqna
Uaniej]pekj
Ekjopnq_pekj
<77N /]p <77WFE0
8<77WCE 8iej
8777WCE 8iej
8<77WCE 8iej
9<io i]t5
9<io i]t5
=7L i]t5
@?i6o9
@?7i6o9
87Jv pk <<Jv 8ii FC
<- pk ?<- SJ
4;7 pk >7
QED3 Qhqc4ej
Cllnkt5 :>c
Fqop lnkpa_pa`
;9<91AB?5 9<A5?;5491A5 >=D5? ?5:1F
381?13A5?9@A93@
3=9:
3=<A13A 41A1
Okiej]h
Wkhp]ca
WFE
Ekeh
Saoeop]j_a
Qe_g4ql
Wkhp]ca
WFE
i]t5
Fnkl4kqp
Wkhp]ca
WFE
iej5
3=9: 41A1
<
=
89
9;
;?
887
89<
997
9>5< t /8 87-0
;7t/8 87-0
8=7t/8 87-0
=<7t/8 87-0
9=77 t /8 87-0
88777 t /8 87-0
8;777 t /8 87-0
<:><7 t /8 87-0
;57
;5?
@5=
8@59
:?5;
??57
877
8>=
75<
75=
859
95;
;5?
8857
895<
9957
f 8EA 8<CB 9EA87C osep_dejc _]l]^ehepu
f W]nekqo paniej]ho ]r]eh]^ha
f Tk_gapo ]r]eh]^ha
f Ekjbkni pk pda EG hks rkhp]ca `ena_pera
f 8 . 9 lkha _kjbecqn]pekjo
f Gjrenkjiajp]h bneaj`hu lnk`q_p /SkJT _kilhe]jp0
f Pqpheja FeiajoekjoA /9?57 t 985< t :<570ii
@165AF 1>>?=C1: ?1A9<7@
]p 9:
N]t5
Wkhp]ca
WFE
<5<
=5=
8:59
9=5;
<95?
898
8:>5<
9;9
Vjep saecdp
=
89
9;
;?
897
99769;7
885<t/8 87-0
;=t/8 87-0
8?;t/8 87-0
>:<t/8 87-0
;<<7 t /8 87-0
8;;77 t /8 87-0
;5?7
@5=7
8@59
:?5;
@=57
8>=57
85?
:5=
>59
8;5;
:=57
>957
=5=
8:59
9=5;
<95?
8:9
9=;
Okiej]h
Wkhp]ca
WCE
Ekeh
Saoeop]j_a
Qe_g4ql
Wkhp]ca
WCE
i]t5
Fnkl4kqp
Wkhp]ca
WCE
iej5
N]t5
Wkhp]ca
WCE
B:+3B:
<UYLX0 80 Uda `]p] odksj]^kra ]na ejepe]h r]hqao5
90 VM ejoqh]pekj ouopaiA Eh]oo D


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
JQX-105F-4_04 MINIATURE HIGH POWER RELAY 1  2  3  List of Unclassifed Manufacturers
HF10FF MINIATURE HIGH POWER RELAY 1  2  3  Hongfa Technology
HF10FH MINIATURE HIGH POWER RELAY 1  2  3  Hongfa Technology
CB1F-T-RM-12V HIGH POWER AUTOMOTIVE RELAY 1  2  3  4  Nais(Matsushita Electric Works)
HF3FF SUBMINIATURE HIGH POWER RELAY 1  2  3  Hongfa Technology
HF7FD SUBMINIATURE HIGH POWER RELAY 1  2  3  Hongfa Technology
HF7FF SUBMINIATURE HIGH POWER RELAY 1  2  3  Hongfa Technology
DSP1-DC3V MINIATURE POWER RELAY IN DS RELAY SERIES 1  2  3  4  5  Nais(Matsushita Electric Works)
HF3FD SUBMINIATURE HIGH POWER RELAY 1  2  List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn