Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXM1614E-14-11 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LXM1614E-14-11
Description  DUAL DIMMING, EXTENDED TEMPERATURE CCFL INVERTER MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXM1614E-14-11 Datasheet(HTML) 1 Page - Microsemi Corporation

  LXM1614E-14-11 Datasheet HTML 1Page - Microsemi Corporation LXM1614E-14-11 Datasheet HTML 2Page - Microsemi Corporation LXM1614E-14-11 Datasheet HTML 3Page - Microsemi Corporation LXM1614E-14-11 Datasheet HTML 4Page - Microsemi Corporation LXM1614E-14-11 Datasheet HTML 5Page - Microsemi Corporation LXM1614E-14-11 Datasheet HTML 6Page - Microsemi Corporation LXM1614E-14-11 Datasheet HTML 7Page - Microsemi Corporation LXM1614E-14-11 Datasheet HTML 8Page - Microsemi Corporation LXM1614E-14-11 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Microsemi
Microsemi Integrated Products
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Copyright
© 2004
Rev. 0.2,2005-01-14
RangeMAX™
LXM1614E-14-11
DUAL DIMMING, EXTENDED TEMPERATURE CCFL INVERTER MODULE
PRELIMINARY DATASHEET
TM
®
DESCRI PTI O N
Dual Drive, RangeMAX Wide Range
Dimming, Single Output Inverter.
The
LXM1614E series of Direct Drive™
CCFL (Cold Cathode Fluorescent Lamp)
Inverter Modules is specifically designed
for
driving
LCD
backlight
lamps.
Although similar to the RangeMAX
LXM1612 wide range dimming inverters,
the
LXM1614E
family
offers
two
separate brightness controls for lamp
current amplitude and duty cycle.
This
innovation of dual brightness control with
extended
dimming,
combined
with
Microsemi’s high efficiency Direct Drive
topology, provides the industry’s most
feature rich, small form factor inverter
available. The wide range dimming pro-
vides exceptional display readability at
less than 1% of full brightness, allowing
both power savings and low ambient light
operating capability.
Dual Drive Dimming Control.
The
inverters
provide
brightness
ad-
justments utilizing standard lamp current
amplitude control as well as supporting
Microsemi’s RangeMAX wide range
dimming technique.
Combining both
brightness controls into a single inverter
supports the “self heating” lamp tech-
nology by using a “boost” current
feature and still offers duty cycle control
for low brightness operation.
This
controlled
overdrive
capability
eliminates
the
need
for
traditional
resistive heater wire methods to ensure
light
output
at
extremely
low
temperatures.
The LXM1614E bright-
ness
controls
support
temperature
monitoring
with
look-up
table
applications by accepting either a PWM
input or DC voltage. Large panel lamps
with greater thermal inertia can also
utilize this “instant-bright” feature and
minimize warm up time.
(continued next page)
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
Protected by U.S. Patents: 5,923,129; 5,930,121; Patents Pending
KEY FEATUR ES
Independent Brightness
Controls For Lamp Current
Amplitude and Duty Cycle
RangeMAX 1-100% Wide
Range Dimming with
Controlled Overdrive Boost
On-Board Thermister auto-
matically limits maximum
lamp current
Supports Wide Input Voltage
Range 9-16V
High Efficiency, Single Stage
Direct Drive Topology
-40°C to +85°C Ambient
Temperature Operation
Output Open/Short Circuit
Protection
Up to 2000V Output Voltage
Capability
Single side PCB Component
Layout
APPLICATIONS
Self Heating And High
Pressure Lamp Technology
Automotive Navigation, GPS
Systems, Auto PC
Extended Cold Temperature
Operation
Aircraft Cabin Displays
Low Ambient Light Conditions
Requiring Wide Range
Dimming
“Instant On” To Full
Brightness For Large LCD
Backlight Panels
Industrial Notebook And
Workstations
PRODUCT H I GHLIGHT
Controlled overdrive mode of
LXM1614E Inverter accelerates
lamp warm-up time to provide
maximum light output even in
extreme
temperature
envi-
ronments
MODULE ORDER INFO
PART NUMBER
OUTPUT CONNECTOR
INVERTER MATES DIRECTLY TO
PANEL CONNECTORS
LXM1614E-14-11
JST SM02(8.0)B-BHS-1-TB
BHR-03VS-1


Similar Part No. - LXM1614E-14-11

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1614 MICROSEMI-LXM1614 Datasheet
323Kb / 9P
   DUAL DIMMING, EXTENDED TEMPEERATURE CCFL INVERTER MODULE
LXM1614-14-11 MICROSEMI-LXM1614-14-11 Datasheet
323Kb / 9P
   DUAL DIMMING, EXTENDED TEMPEERATURE CCFL INVERTER MODULE
More results

Similar Description - LXM1614E-14-11

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1614E-14-11 MICROSEMI-LXMG1614E-14-11 Datasheet
341Kb / 9P
   DUAL DIMMING, EXTENDED TEMPERATURE CCFL INVERTER MODULE
LXM1614 MICROSEMI-LXM1614 Datasheet
323Kb / 9P
   DUAL DIMMING, EXTENDED TEMPEERATURE CCFL INVERTER MODULE
LXM1622-12-XX MICROSEMI-LXM1622-12-XX Datasheet
239Kb / 6P
   DUAL 5W, DIGITAL DIMMING CCFL INVERTER MODULE
LXM1621-XX MICROSEMI-LXM1621-XX Datasheet
219Kb / 8P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXM1641-01 MICROSEMI-LXM1641-01 Datasheet
232Kb / 11P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXMG1621-XX MICROSEMI-LXMG1621-XX Datasheet
307Kb / 10P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXMG1621-XX MICROSEMI-LXMG1621-XX_10 Datasheet
296Kb / 10P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXM1622-05-XX MICROSEMI-LXM1622-05-XX Datasheet
243Kb / 6P
   DUAL 5W, DIGITAL DIMMING CCFL INVERTER MODULE
LXMG1611-01 MICROSEMI-LXMG1611-01 Datasheet
243Kb / 6P
   Digital Dimming CCFL Inverter Module
LXM1611-01 MICROSEMI-LXM1611-01 Datasheet
168Kb / 5P
   DIGIT DIMMING CCFL INVERTER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com