Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HF10FF Datasheet(PDF) 2 Page - Hongfa Technology

Part No. HF10FF
Description  MINIATURE HIGH POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HONGFA [Hongfa Technology]
Homepage  http://www.hongfa.com
Logo 

HF10FF Datasheet(HTML) 2 Page - Hongfa Technology

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
652 =3 893 9;3 ;?3 =73 8773 887X
352 =3 893 9;3 ;?3 88768973 99769:7X
0I2 9 Iloj F
1I2 : Iloj F
1I,/2 : Iloj F /Gfccbobkq Yfofkd Gf^do^j0
=8
9 Iloj F
: Iloj F
: Iloj F
: Iloj F
9 Iloj F
/YfqeNHG0
9 Iloj F
/YfqeNHG0
: Iloj F
/Gfccbobkq
Yfofkd Gf^do^j0
/Elqqlj sfbt0
/Elqqlj sfbt0
/Elqqlj sfbt0
Tbj^ohA 80 Lk `^pb lc kl qlibo^k`b peltk fk lrqifkb afjbkpflkA lrqifkb afjbkpflk c8jj3 qlibo^k`b pelria _b y759jjB lrqifkb afjbkpflk e8jj
^ka c<jj3 qlibo^k`b pelria _b y75:jjB lrqifkb afjbkpflk e<jj3 qlibo^k`b pelria _b y75;jj5
90 Veb qlibo^k`b tfqelrq fkaf`^qfkd clo RFE i^vlrq fp ^it^vp y758jj5
:<j^u
:<j^u
?
8
8
88
9
:
<
=
;
?
>
8
<
=
;
:
>
?
8
9
]
2
Tbj^ohA Ilo DF m^oqp tfqeaflab3 qeb mlpfqfsb ^ka kbd^qfsb mlib j^ohfkdp
lk tfofkd af^do^j ^ob klq ^mmif`^_ib5
9
<
>
=
87
?
@
88
8
<
=
>
;
:
9
87
?
@
;
:
88
8
<
>
=
@
9
87
?
;
:
8
88
]
2
Tbj^ohA Ilo DF m^oqp tfqeaflab3 qeb mlpfqfsb ^ka kbd^qfsb mlib j^ohfkdp lk tfofkd
af^do^j ^ob klq ^mmif`^_ib5
KI87II 6
789
49\ G
D
5WRT ]WT[JPN OWYU
32 DF
62 GF
5WRT ]WT[JPN
5WV[JL[ JYYJVPNUNV[
<76
62 YfqeNHG
>RT2 Yfqelrq NHG
C_XN
?A67A;>9 ;>8?A=3C;?>
/ZZZ0
V
J
5WV[JL[ UJ[NYRJT
C2 DdUkQ9
>RT2 DdFaQ
5WV[JL[ XTJ[RVP
92 Jlia mi^qba
>RT2 Pl dlia mi^qba
?DC<;>7 6;=7>B;?>B+ F;A;>9 6;39A3= 3>6 @5 4?3A6 <3H?DC
Qrqifkb Gfjbkpflkp
Yfofkd Gf^do^j
WkfqA jj
BXNLRJT LWMN80
GGG2 Frpqljbo pmb`f^i obnrfobjbkq
>RT2 Uq^ka^oa
>W[NZ2 80 Veb `rpqljbo pmb`f^i obnrfobjbkq bumobpp ^p pmb`f^i `lab ^cqbo bs^ir^qfkd _v Klkdc^5
T
T
T


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
JQX-105F-4_04MINIATURE HIGH POWER RELAY 1 2 3 List of Unclassifed Manufacturers
DSP1-DC3VMINIATURE POWER RELAY IN DS RELAY SERIES 1 2 3 4 5 Nais(Matsushita Electric Works)
CB1F-T-RM-12VHIGH POWER AUTOMOTIVE RELAY 1 2 3 4 Nais(Matsushita Electric Works)
HF3FFSUBMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF7FDSUBMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF7FFSUBMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF3FDSUBMINIATURE HIGH POWER RELAY 1 2 List of Unclassifed Manufacturers
JQX-13FMINIATURE INTERMEDIATE POWER RELAY 1 2 3 List of Unclassifed Manufacturers
MASW-007813GaAs SP4T High Power Switch DC - 3 GHz 1 2 3 4 Tyco Electronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn