Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8385A-XXCDD Datasheet(PDF) 6 Page - Microsemi Corporation

Part # LX8385A-XXCDD
Description  3A Low Dropout Positive Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8385A-XXCDD Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button LX8385A-XXCDD Datasheet HTML 2Page - Microsemi Corporation LX8385A-XXCDD Datasheet HTML 3Page - Microsemi Corporation LX8385A-XXCDD Datasheet HTML 4Page - Microsemi Corporation LX8385A-XXCDD Datasheet HTML 5Page - Microsemi Corporation LX8385A-XXCDD Datasheet HTML 6Page - Microsemi Corporation LX8385A-XXCDD Datasheet HTML 7Page - Microsemi Corporation LX8385A-XXCDD Datasheet HTML 8Page - Microsemi Corporation LX8385A-XXCDD Datasheet HTML 9Page - Microsemi Corporation LX8385A-XXCDD Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
PRODUCTION DATA SHEET
Microsemi Inc.
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 6
Copyright
© 2000
Rev. 2.0b, 2005-10-25
LX8385x-xx
3A Low Dropout Positive Regulators
TM
®
APPLICATION NOTES (C O N T I NU ED )
OVERLOAD RECOVERY (continued)
voltage across the regulator at the time the short circuit is
removed from the output. If this limited current is not sufficient
to develop the designed voltage across the output resistor, the
voltage will stabilize at some lower value, and will never reach
the designed value. Under these circumstances, it may be
necessary to cycle the input voltage down to zero in order to
make the regulator output voltage return to regulation.
RIPPLE REJECTION
Ripple rejection can be improved by connecting a capacitor
between the ADJ pin and ground. The value of the capacitor
should be chosen so that the impedance of the capacitor is equal
in magnitude to the resistance of R1 at the ripple frequency. The
capacitor value can be determined by using this equation:
()1
28
.
6
1
R
F
C
R ×
×
=
where:
C
≡ the value of the capacitor in Farads; select
an equal or larger standard value.
FR ≡ the ripple frequency in Hz
R1 ≡
the value of resistor R1 in ohms
At a Ripple frequency of 120Hz, with R1= 100Ω:
()
μF
Hz
3
.
13
100
120
28
.
6
1
=
Ω
×
×
=
C
The closest equal or larger standard value should be used, in
this case, 15µF. When an ADJ pin bypass capacitor is used,
output ripple amplitude will be essentially independent of the
output voltage. If an ADJ pin bypass capacitor is not used, output
ripple will be proportional to the ratio of the output voltage to the
reference voltage:
REF
OUT
V
V
=
M
where:
M
≡ a multiplier for the ripple seen when the
ADJ pin is optimally bypassed.
VREF= 1.25V
For example, if V
OUT = 2.5V the output ripple will be:
2
25
.
1
5
.
2
=
=
V
V
M
Output ripple will be twice as bad as it would be if the ADJ
pin were to be bypassed to ground with a properly selected
capacitor.
OUTPUT VOLTAGE
The LX8385/85A/85B ICs develop a 1.25V reference voltage
between the output and the adjust terminal (See Figure 2). By
placing a resistor, R1, between these two terminals, a constant
current is caused to flow through R1 and down through R2 to set
the overall output voltage. Normally this current is the specified
minimum load current of 10mA. Because IADJ is very small and
constant when compared with the current through R1, it
represents a small error and can usually be ignored.
LX8385x
R1
R2
IN
ADJ
OUT
FIGURE 2
- BASIC ADJUSTABLE REGULATOR
V
IN
I
ADJ
50µA
V
REF
V
OUT
2
1
2
1
R
I
R
R
V
V
ADJ
REF
OUT
+
⎜⎜
+
=
LOAD REGULATION
Because the LX8385/85A/85B regulators are three-terminal
devices, it is not possible to provide true remote load sensing.
Load regulation will be limited by the resistance of the wire
connecting the regulator to the load. The data sheet specification
for load regulation is measured at the bottom of the package.
Negative side sensing is a true Kelvin connection, with the
bottom of the output divider returned to the negative side of the
load. Although it may not be immediately obvious, best load
regulation is obtained when the top of the resistor divider, (R1), is
connected directly to the case of the regulator, not to the load.
This is illustrated in Figure 3. If R1 were connected to the load,
the effective resistance between the regulator and the load would
be:
+
×
=
1
1
2
R
R
R
R
R
P
Peff
where:
RP
Actual parasitic line resistance.
When the circuit is connected as shown in Figure 3, the
parasitic resistance appears as its actual value, rather than the
higher R
Peff.
LX8385x
R
P P arasitic Line
Resistance
R
L
R2
IN
ADJ
OUT
FIGURE 3
- CONNECTIONS FOR BEST LOAD REGULATION
R1
V
IN
Connect R1 to
Case of Regulator
Connect R2 to
Load


Similar Part No. - LX8385A-XXCDD

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8385A-XXCDD MICROSEMI-LX8385A-XXCDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
More results

Similar Description - LX8385A-XXCDD

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8587-XX MICROSEMI-LX8587-XX Datasheet
211Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
List of Unclassifed Man...
LA8385 ETC1-LA8385 Datasheet
233Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
Microsemi Corporation
LX8385-00CDD MICROSEMI-LX8385-00CDD Datasheet
285Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X MICROSEMI-LX8587X Datasheet
283Kb / 11P
   3A Low Dropout Positive Regulators
logo
National Semiconductor ...
LM1085 NSC-LM1085 Datasheet
744Kb / 13P
   3A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8385A-00CDD MICROSEMI-LX8385A-00CDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8385-00IDD MICROSEMI-LX8385-00IDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X-XX MICROSEMI-LX8587X-XX Datasheet
289Kb / 11P
   3A Low Dropout Positive Regulators
logo
Texas Instruments
LM1085IT-5.0 TI1-LM1085IT-5.0 Datasheet
2Mb / 22P
[Old version datasheet]   LM1085 3A Low Dropout Positive Regulators
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com