Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1692BIPW Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX1692BIPW
Description  Full Bridge Resonant CCFL Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1692BIPW Datasheet(HTML) 4 Page - Microsemi Corporation

  LX1692BIPW Datasheet HTML 1Page - Microsemi Corporation LX1692BIPW Datasheet HTML 2Page - Microsemi Corporation LX1692BIPW Datasheet HTML 3Page - Microsemi Corporation LX1692BIPW Datasheet HTML 4Page - Microsemi Corporation LX1692BIPW Datasheet HTML 5Page - Microsemi Corporation LX1692BIPW Datasheet HTML 6Page - Microsemi Corporation LX1692BIPW Datasheet HTML 7Page - Microsemi Corporation LX1692BIPW Datasheet HTML 8Page - Microsemi Corporation LX1692BIPW Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
LX1692B
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
Copyright
© 2005
Rev. 1.1, 12/20/2006
Full Bridge Resonant CCFL Controller
TM
®
FUNCTIONAL PIN DESCRI PTION (CONTINUED)
Name
Description
OC_SNS
Over current sense input. The OC_SNS input is compared to a 2V reference. The comparator output shuts off
the PWM outputs to prevent possible secondary failures. The input voltage at this pin is not rectified. Normal
operating voltage levels will be in the range of ±0.5V to VDDP. An abnormal voltage can operate continuously
as high as ±7V peak under load fault conditions. Transients under fault conditions up to ±11 VPEAK are
permitted. An input voltage above 4 peak but less than ±11V peak may cause saturation but will not cause
malfunction, phase reversal, or reliability issues with the IC.
OV_SNS
Over Voltage Sense Input. This input pin monitors a voltage divider (approximately 1000:1) placed across the
lamp. The open lamp voltage regulator uses it to regulate open circuit voltage. During both run and strike
modes, fault detection comparators monitor voltage amplitude to determine if load opens occur. See functional
description section for details on internal circuit operation. Frequency range of the input signal is from DC to
150KHz. Normal operating voltage levels will be in the range of ±0.5 to ±VDDP peak, centered about +0.2 VDC.
An abnormal voltage can operate continuously as high as ±7V peak under load fault conditions. Transients
under load fault conditions up to ±11V peak are permitted. An input voltage above ±4Vpk may cause
saturation, but will not cause malfunction, phase reversal, or reliability issues with the IC
ISNS
Current Sense Input. The ISNS input is full wave rectified by an On-Chip circuit, then presented to the inverting
input of the current error amplifier. Frequency range of the input signal is DC to 200KHz. The ISNS pin also
monitors lamp current to determine if the lamp is ignited. If a single cycle at the ISNS pin is greater than 1V, the
strike / run flip flop is clocked to the RUN state and threshold of the strike comparator is lowered to 0.3V. During
RUN mode current levels are continuously monitored to detect less than 0.3V. A counter clocked by
RMPD_OUT is reset each time current is sensed at this input. If the counter overflows (256 counts) a fault latch
is set which shuts down the IC. This fault is expected to occur when the lamp is shorted to ground through an
impedance of less than 2K ohms or the ISNS resistor itself is shorted. The counter is inhibited during digital
dimming off time. Normal operating voltage levels will be in the range of ±0.5V to ±5.5V. An abnormal voltage
can operate continuously as high as ±7V peak under load fault conditions. Transients under fault conditions up
to ±11 VPK are permitted. Input voltages up 4V peak are linearly rectified. An input voltage above ±4V peak
but less than ±11V peak may cause saturation but will not cause malfunction, phase reversal, or reliability
issues with the IC.
DOUT
A buffer P-FET driver output. Has a 20K pull up, RDSON nominal =
Ω
30
COUT
A buffer P-FET driver output. Has a 20K pull up, RDSON nominal =
Ω
30
BOUT
A buffer N-FET driver output. Has a 20K pull down, RDSON nominal =
Ω
30
AOUT
A buffer N-FET driver output. Has a 20K pull down, RDSON nominal =
Ω
30
GND
Ground
VDDP
Input Supply Voltage, 4.5V to 5.5V input range. VDDP is switched (see ENABLE) to remove power from chip.
An LDO regulator follows the switch and generates 4.0VDC. The output driver stages are powered directly from
the VDDP input. The output capacitor should be a 1000nF or larger ceramic dielectric type.


Similar Part No. - LX1692BIPW

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
LX1692 MITSUMI-LX1692 Datasheet
271Kb / 15P
   Full Bridge Resonant CCFL Controller
logo
Microsemi Corporation
LX1692 MICROSEMI-LX1692 Datasheet
315Kb / 15P
   TM Full Bridge Resonant CCFL Controller
LX1692A MICROSEMI-LX1692A Datasheet
98Kb / 2P
   Full Bridge Resonant CCFL Controller
LX1692AIPW MICROSEMI-LX1692AIPW Datasheet
98Kb / 2P
   Full Bridge Resonant CCFL Controller
LX1692F MICROSEMI-LX1692F Datasheet
196Kb / 2P
   TM Full Bridge Resonant CCFL Controller
More results

Similar Description - LX1692BIPW

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX6504 MICROSEMI-LX6504 Datasheet
180Kb / 2P
   Full Bridge Resonant CCFL Controller
LX1696A MICROSEMI-LX1696A Datasheet
97Kb / 2P
   Full Bridge Resonant CCFL Controller
logo
Mitsumi Electronics, Co...
LX1692 MITSUMI-LX1692 Datasheet
271Kb / 15P
   Full Bridge Resonant CCFL Controller
logo
Microsemi Corporation
LX1692A MICROSEMI-LX1692A Datasheet
98Kb / 2P
   Full Bridge Resonant CCFL Controller
LX1692F MICROSEMI-LX1692F Datasheet
196Kb / 2P
   TM Full Bridge Resonant CCFL Controller
LX1692 MICROSEMI-LX1692 Datasheet
315Kb / 15P
   TM Full Bridge Resonant CCFL Controller
logo
Monolithic Power System...
MP1038 MPS-MP1038 Datasheet
34Kb / 1P
   Full Bridge CCFL Controller
logo
Maxim Integrated Produc...
MAX8751 MAXIM-MAX8751 Datasheet
732Kb / 27P
   Fixed-Frequency, Full-Bridge CCFL Inverter Controller
Rev 0; 8/05
logo
Texas Instruments
TPS68000 TI1-TPS68000_13 Datasheet
629Kb / 26P
[Old version datasheet]   HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
TPS68000 TI-TPS68000 Datasheet
337Kb / 13P
[Old version datasheet]   HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com