Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HF7FF Datasheet(PDF) 3 Page - Hongfa Technology

Part No. HF7FF
Description  SUBMINIATURE HIGH POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HONGFA [Hongfa Technology]
Homepage  http://www.hongfa.com
Logo 

HF7FF Datasheet(HTML) 3 Page - Hongfa Technology

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
05.<.0>2<6=>60 0?<@2=
6;
76
;6
76
7;
7Z nsj_
7I27ZT nsj_
7IT nsj_
766
96VED28;6VBD R_mcmncp_Li[^
6B
;B
6
:6
96
;6 76B
86
>6
766
?6
776
786
796
<6
=6
FNEURBNDF DURVF
DOJL TFMPFRBTURF RJSF
Dihn[]n Doll_hn /B0
P_l]_hn[a_ O` Nigch[f Dicf Vifn[a_
Ecm]f[cg_l
Tb_ mj_]c`c][ncih cm `il l_`_l_h]_ ihfs4 S__ ni ,T_lgchifias [h^Hoc^_fch_m, `il gil_ ch`ilg[ncih4 Sj_]c`c][ncihm mo\d_]n ni ]b[ha_ qcnbion hinc]_4
W_ ]iof^hin _p[fo[n_ [ff nb_ j_l`ilg[h]_ [h^[ff nb_ j[l[g_n_lm `il _p_ls jimmc\f_ [jjfc][ncih4 Tbom nb_ om_l mbiof^\_ ch [ lcabn jimcncih ni
]biim_ nb_ mocn[\f_ jli^o]n `il nb_cl iqh [jjfc][ncih4 J` nb_l_ cm [hs ko_ls2 jf_[m_ ]ihn[]n Iiha`[ `il nb_ n_]bhc][f m_lpc]_4 Iiq_p_l2 cn cm nb_ om_lxm
l_mjihmc\cfcns ni ^_n_lgch_ qbc]b jli^o]n mbiof^ \_ om_^ ihfs4
u Xc[g_h Iiha`[ Ff_]nli[]iomnc] Di42 Ln^4 Bff lcabnm i` Iiha`[ [l_ l_m_lp_^4
787
7IT nsj_/VED0
7ZT nsj_/VED0
6
7
76
766
76
766
7666
7ZT nsj_/VBD0
7IT nsj_/VBD0
MBXJMUM SWJTDIJNH POWFR
Dihn[]n Vifn[a_ /V0
>HQR FNMGJRJNMQ-
NO2 R_mcmncp_ fi[^2 Gfor jlii`_^2
Riig n_gj42 7m ih ?m i``4


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HF3FFSUBMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF7FDSUBMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF3FDSUBMINIATURE HIGH POWER RELAY 1 2 List of Unclassifed Manufacturers
CB1F-T-RM-12VHIGH POWER AUTOMOTIVE RELAY 1 2 3 4 Nais(Matsushita Electric Works)
JQC-25FSUBMINIATURE HIGH POWER PELAY 1 2 List of Unclassifed Manufacturers
JQX-105F-4_04MINIATURE HIGH POWER RELAY 1 2 3 List of Unclassifed Manufacturers
MASW-007813GaAs SP4T High Power Switch DC - 3 GHz 1 2 3 4 Tyco Electronics
FMMTL619_05SOT23 NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR 1 2 3 Zetex Semiconductors
FM400TU-2AHIGH POWER SWITCHING USE INSULATED PACKAGE 1 2 3 4 5 Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn