Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HF3FF Datasheet(PDF) 3 Page - Hongfa Technology

Part No. HF3FF
Description  SUBMINIATURE HIGH POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HONGFA [Hongfa Technology]
Homepage  http://www.hongfa.com
Logo 

HF3FF Datasheet(HTML) 3 Page - Hongfa Technology

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
/4-;-/=1;5<=5/ />;?1<
MBXJMUM SWJTDIJNH POWFR
FNEURBNDF DURVF
DOJL TFMPFRBTURF RJSF
Dihn[]n Vifn[a_ /V0
Dihn[]n Doll_hn /B0
P_l]_hn[a_ O` Nigch[f Dicf Vifn[a_
Ecm]f[cg_l
Tb_ mj_]c`c][ncih cm `il l_`_l_h]_ ihfs4 S__ ni ,T_lgchifias [h^ Hoc^_fch_m, `il gil_ ch`ilg[ncih4 Sj_]c`c][ncihm mo\d_]n ni ]b[ha_ qcnbion hinc]_4
W_ ]iof^ hin _p[fo[n_ [ff nb_ j_l`ilg[h]_ [h^ [ff nb_ j[l[g_n_lm `il _p_ls jimmc\f_ [jjfc][ncih4 Tbom nb_ om_l mbiof^ \_ ch [ lcabn jimcncih ni
]biim_ nb_ mocn[\f_ jli^o]n `il nb_cl iqh [jjfc][ncih4 J` nb_l_ cm [hs ko_ls2 jf_[m_ ]ihn[]n Iiha`[ `il nb_ n_]bhc][f m_lpc]_4 Iiq_p_l2 cn cm nb_ om_lwm
l_mjihmc\cfcns ni ^_n_lgch_ qbc]b jli^o]n mbiof^ \_ om_^ ihfs4
u Xc[g_h Iiha`[ Ff_]nli[]iomnc] Di42 Ln^4 Bff lcabnm i` Iiha`[ [l_ l_m_lp_^4
77>
=GPQ EMLFIQIMLP,
NO2 R_mcmncp_ fi[^2 8==VBD58>VED2
Gfor jlii`_^2 Riig n_gj42 7m ih ?m i``
DO2 R_mcmncp_ fi[^2 8;6VBD2
Gfor jlii`_^2 Riig n_gj42 ;m ih ;m i``4
=GPQILH EMLFIQIMLP,
76B [n =6 4
Miohncha ^cmn[h]_@ 76gg
;
6;
76
76
766
;6
NO
DO
766
76
8
;6
76
:66
7;
ED/NO0
BD/NO0
86
96
:6
;6
<6
=6
>6
>6
6
?6
766
776
786


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HF3FDSUBMINIATURE HIGH POWER RELAY 1 2 List of Unclassifed Manufacturers
CB1F-T-RM-12VHIGH POWER AUTOMOTIVE RELAY 1 2 3 4 Nais(Matsushita Electric Works)
JQC-25FSUBMINIATURE HIGH POWER PELAY 1 2 List of Unclassifed Manufacturers
JQX-105F-4_04MINIATURE HIGH POWER RELAY 1 2 3 List of Unclassifed Manufacturers
MASW-007813GaAs SP4T High Power Switch DC - 3 GHz 1 2 3 4 Tyco Electronics
FMMTL619_05SOT23 NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR 1 2 3 Zetex Semiconductors
FM400TU-2AHIGH POWER SWITCHING USE INSULATED PACKAGE 1 2 3 4 5 Mitsubishi Electric Semiconductor
MC-7842HIGH GAIN CATV POWER DOUBLER AMPLIFIER 1 2 California Eastern Labs
UPG2010TBHIGH POWER SINGLE CONTROL L-BAND SPDT SWITCH 1 2 3 4 5 MoreCalifornia Eastern Labs

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn