Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HF3FF Datasheet(PDF) 2 Page - Hongfa Technology

Part No. HF3FF
Description  SUBMINIATURE HIGH POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HONGFA [Hongfa Technology]
Homepage  http://www.hongfa.com
Logo 

HF3FF Datasheet(HTML) 2 Page - Hongfa Technology

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
70 80
77=
7 Gilg B
7 Gilg D
/Cinnig pc_q0
/Cinnig pc_q0
R_g[le@ 70 Jh ][m_ i` hi nif_l[h]_ mbiqh ch ionfch_ ^cg_hmcih@ ionfch_ ^cg_hmcih X7gg2 nif_l[h]_ mbiof^ \_ v648ggA ionfch_ ^cg_hmcih Z7gg
[h^ X;gg2 nif_l[h]_ mbiof^ \_ v649ggA ionfch_ ^cg_hmcih Z;gg2 nif_l[h]_ mbiof^ \_ v64:gg4
80 Tb_ nif_l[h]_ qcnbion ch^c][ncha `il PDC f[sion cm [fq[sm v647gg4
80 Dihn[]n cm l_]igg_h^_^ `il mocn[\f_ ]ih^cncih [h^ mj_]c`c][ncihm c` q[n_l ]f_[hcha il mol`[]_ jli]_mm cm chpifp_^ ch [mm_g\fcha l_f[sm
ih PDC4
/MIJ SMJQDHG
;2 <2 ?2 782 7>2 8:2 :>VED
IG9GG 5
678
37I
S
9;01;583 5829;7-=598
=TNG
/MLPQOREQIML
<@ Pf[mnc] m_[f_^
8IJ@ Gfor jlii`_^
/MLQDEQ DOODLHGKGLQ ~4@7 Gilg B
~C@7 Gilg D
9>=6581 05718<598<| @5;583 05-3;-7 -80 :/ .9-;0 6-B9>=
T
/MLQDEQ KDQGOIDJ
=@ BaShO8
8IJ@ BaD^O
/XXX0
Uhcn@ gg
Oonfch_ Ecg_hmcihm
Wclcha Ec[al[g
PDC L[sion
7?
649
7;48
7
7?
649
7;48
7
8
94:
8
94:
7848
7848
8MQGP, 70 W_ l_]igg_h^ `for jlii`_^ nsj_m `il [ ]f_[h _hpclihg_hn /`l__ `lig ]ihn[gch[ncihm fce_ I8S2 SO82NO82 ^omn2 _n]404
W_ moaa_mn ni ]biim_ jf[mnc] m_[f_^ nsj_m [h^ p[fc^[n_ cn ch l_[f [jjfc][ncih `il [h oh]f_[h _hpclihg_hn /qcnb ]ihn[gch[ncihm
fce_ I8S2 SO82NO82 ^omn2 _n]04
<NGEIDJ EMFG90
AAA, Domnig_l mj_]c[f l_kocl_g_hn
8IJ, Sn[h^[l^
90 Tb_ ]omnig_l mj_]c[f l_kocl_g_hn _rjl_mm [m mj_]c[f ]i^_ [`n_l _p[fo[ncha \s Iiha`[4
94;V64:
W648
64;
64;
94;V64:
W648


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HF3FDSUBMINIATURE HIGH POWER RELAY 1 2 List of Unclassifed Manufacturers
CB1F-T-RM-12VHIGH POWER AUTOMOTIVE RELAY 1 2 3 4 Nais(Matsushita Electric Works)
JQC-25FSUBMINIATURE HIGH POWER PELAY 1 2 List of Unclassifed Manufacturers
JQX-105F-4_04MINIATURE HIGH POWER RELAY 1 2 3 List of Unclassifed Manufacturers
MASW-007813GaAs SP4T High Power Switch DC - 3 GHz 1 2 3 4 Tyco Electronics
FMMTL619_05SOT23 NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR 1 2 3 Zetex Semiconductors
FM400TU-2AHIGH POWER SWITCHING USE INSULATED PACKAGE 1 2 3 4 5 Mitsubishi Electric Semiconductor
MC-7842HIGH GAIN CATV POWER DOUBLER AMPLIFIER 1 2 California Eastern Labs
UPG2010TBHIGH POWER SINGLE CONTROL L-BAND SPDT SWITCH 1 2 3 4 5 MoreCalifornia Eastern Labs

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn