Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X8039QC Datasheet(PDF) 4 Page - Abracon Corporation

Part # X8039QC
Description  38-640MHz Low Phase Noise XO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

X8039QC Datasheet(HTML) 4 Page - Abracon Corporation

  X8039QC Datasheet HTML 1Page - Abracon Corporation X8039QC Datasheet HTML 2Page - Abracon Corporation X8039QC Datasheet HTML 3Page - Abracon Corporation X8039QC Datasheet HTML 4Page - Abracon Corporation X8039QC Datasheet HTML 5Page - Abracon Corporation X8039QC Datasheet HTML 6Page - Abracon Corporation X8039QC Datasheet HTML 7Page - Abracon Corporation X8039QC Datasheet HTML 8Page - Abracon Corporation X8039QC Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
(Preliminary)
ABX8037/38/39
38-640MHz Low Phase Noise XO
30332 Esperanza., Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001 www.Abracon.com 9/1/05 Page 4
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. Crystal Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Crystal Resonator Frequency
FXIN
Parallel Fundamental Mode
19
40
MHz
Crystal Loading Rating
CL (xtal)
17.7
pF
Crystal Shunt Capacitance
C0 (xtal)
5
pF
Recommended ESR
RE
AT cut
30
Note: Crystal Loading rating: 17.7pF is the loading the crystal sees from the XO chip. It is assumed that the crystal will be at nominal frequency at this
load. If the crystal requires less load to be at nominal frequency, then a capacitor can placed in series with the crystal. If the crystal requires more
load to be at nominal frequency, capacitors can be placed from XIN and XOUT to ground. This however may reduce the oscillator gain.
3. General Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
PECL/LVDS/CMOS
38MHz<Fout<320MHz
65/45/30
Supply Current,
Dynamic (with
Loaded Outputs)
IDD
PECL/LVDS
320MHz<Fout<640MHz
90/70
mA
Operating Voltage
VDD
2.25
3.63
V
Output Clock
Duty Cycle
@ 50% VDD (CMOS)
@ 1.25V (LVDS)
@ VDD – 1.3V (PECL)
45
45
45
50
50
50
55
55
55
%
Short Circuit
Current
±50
mA
Note: CMOS operation is not advised above 200MHz with 15pF load; and 320MHz with 10pF load.


Similar Part No. - X8039QC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X80000 INTERSIL-X80000 Datasheet
695Kb / 37P
   Smart Power Plug Penta-Power Sequence Controller with Hot Swap
logo
Renesas Technology Corp
X80000 RENESAS-X80000 Datasheet
1Mb / 37P
   Smart Power Plug™ Penta-Power Sequence Controller with Hot Swap
March 18, 2005
logo
Intersil Corporation
X80000Q32I INTERSIL-X80000Q32I Datasheet
695Kb / 37P
   Smart Power Plug Penta-Power Sequence Controller with Hot Swap
X80001 INTERSIL-X80001 Datasheet
695Kb / 37P
   Smart Power Plug Penta-Power Sequence Controller with Hot Swap
logo
Renesas Technology Corp
X80001 RENESAS-X80001 Datasheet
1Mb / 37P
   Smart Power Plug™ Penta-Power Sequence Controller with Hot Swap
March 18, 2005
More results

Similar Description - X8039QC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL680-37 PLL-PL680-37 Datasheet
300Kb / 10P
   38-640MHz Low Phase Noise XO
logo
Abracon Corporation
ABV8068 ABRACON-ABV8068 Datasheet
133Kb / 10P
   320-640MHz Low Phase Noise VCXO
9/1/05
logo
PhaseLink Corporation
PL580-30 PLL-PL580-30 Datasheet
251Kb / 9P
   38MHz-640MHz Low Phase Noise VCXO
PL580-68 PLL-PL580-68 Datasheet
281Kb / 10P
   320-640MHz Low Phase Noise VCXO
logo
EUROQUARTZ limited
Y1600 EUROQUARTZ-Y1600 Datasheet
74Kb / 1P
   Rugged XO/Low Phase Noise
logo
Abracon Corporation
ABLNO ABRACON-ABLNO Datasheet
3Mb / 5P
   Ultra Low Phase Noise XO / VCXO
10.05.15
logo
PhaseLink Corporation
PLL620-80 PLL-PLL620-80 Datasheet
813Kb / 7P
   Low Phase Noise XO (9.5-65MHz Output)
logo
Micrel Semiconductor
PL620-88 MICREL-PL620-88 Datasheet
347Kb / 6P
   Low Phase Noise XO (9.5-65MHz Output)
logo
List of Unclassifed Man...
PLL620-80 ETC1-PLL620-80 Datasheet
212Kb / 7P
   Low Phase Noise XO (9.5-65MHz Output)
logo
PhaseLink Corporation
PLL602-35 PLL-PLL602-35 Datasheet
287Kb / 8P
   750kHz -800MHz Low Phase Noise Multiplier XO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com