Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X8037QCL Datasheet(PDF) 5 Page - Abracon Corporation

Part # X8037QCL
Description  38-640MHz Low Phase Noise XO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

X8037QCL Datasheet(HTML) 5 Page - Abracon Corporation

  X8037QCL Datasheet HTML 1Page - Abracon Corporation X8037QCL Datasheet HTML 2Page - Abracon Corporation X8037QCL Datasheet HTML 3Page - Abracon Corporation X8037QCL Datasheet HTML 4Page - Abracon Corporation X8037QCL Datasheet HTML 5Page - Abracon Corporation X8037QCL Datasheet HTML 6Page - Abracon Corporation X8037QCL Datasheet HTML 7Page - Abracon Corporation X8037QCL Datasheet HTML 8Page - Abracon Corporation X8037QCL Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
(Preliminary)
ABX8037/38/39
38-640MHz Low Phase Noise XO
30332 Esperanza., Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001 www.Abracon.com 9/1/05 Page 5
4. Jitter Specifications
PARAMETERS
CONDITIONS
FREQUENCY
MIN.
TYP.
MAX.
UNITS
106.25MHz
0.4
0.5
156.25MHz
0.4
0.5
212.5MHz
0.4
0.5
312.5MHz
0.4
0.5
Integrated jitter RMS
Integrated 12 kHz to 20 MHz
622.08MHz
0.4
0.5
ps
106.25MHz
3
5
156.25MHz
3
5
212.5MHz
3
5
312.5MHz
3
5
Period jitter RMS
With capacitive decoupling
between VDD and GND.
Over 10,000 cycles.
622.08MHz
6
8
ps
106.25MHz
20
30
156.25MHz
20
30
212.5MHz
20
30
312.5MHz
20
30
Period jitter Peak-to-
Peak
With capacitive decoupling
between VDD and GND.
Over 10,000 cycles.
622.08MHz
50
70
ps
5. Phase Noise Specifications
PARAMETERS
FREQ.
@10Hz
@100Hz
@1kHz
@10kHz
@100kHz
@1M
@10M
UNITS
106.25MHz
-66
-96
-122
-132
-126
-144
-150
156.25MHz
-62
-92
-120
-132
-128
-140
-150
212.5MHz
-62
-92
-118
-126
-120
-140
-150
312.5MHz
-59
-85
-117
-128
-125
-139
-148
Phase Noise
relative to carrier
(typical)
622.08MHz
-49
-84
-111
-120
-118
-128
-138
dBc/Hz
6. CMOS Electrical Characteristics
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
IOH
VOH= VDD-0.4V, VDD=3.3V
30
mA
Output drive current
IOL
VOL = 0.4V, VDD = 3.3V
30
mA
Output Clock Rise/Fall Time
0.3V ~ 3.0V with 15 pF load
0.7
ns
Output Clock Rise/Fall Time
20%-80% with 50Ω Load
0.3
ns


Similar Part No. - X8037QCL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X80000 INTERSIL-X80000 Datasheet
695Kb / 37P
   Smart Power Plug Penta-Power Sequence Controller with Hot Swap
logo
Renesas Technology Corp
X80000 RENESAS-X80000 Datasheet
1Mb / 37P
   Smart Power Plug™ Penta-Power Sequence Controller with Hot Swap
March 18, 2005
logo
Intersil Corporation
X80000Q32I INTERSIL-X80000Q32I Datasheet
695Kb / 37P
   Smart Power Plug Penta-Power Sequence Controller with Hot Swap
X80001 INTERSIL-X80001 Datasheet
695Kb / 37P
   Smart Power Plug Penta-Power Sequence Controller with Hot Swap
logo
Renesas Technology Corp
X80001 RENESAS-X80001 Datasheet
1Mb / 37P
   Smart Power Plug™ Penta-Power Sequence Controller with Hot Swap
March 18, 2005
More results

Similar Description - X8037QCL

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL680-37 PLL-PL680-37 Datasheet
300Kb / 10P
   38-640MHz Low Phase Noise XO
logo
Abracon Corporation
ABV8068 ABRACON-ABV8068 Datasheet
133Kb / 10P
   320-640MHz Low Phase Noise VCXO
9/1/05
logo
PhaseLink Corporation
PL580-30 PLL-PL580-30 Datasheet
251Kb / 9P
   38MHz-640MHz Low Phase Noise VCXO
PL580-68 PLL-PL580-68 Datasheet
281Kb / 10P
   320-640MHz Low Phase Noise VCXO
logo
EUROQUARTZ limited
Y1600 EUROQUARTZ-Y1600 Datasheet
74Kb / 1P
   Rugged XO/Low Phase Noise
logo
Abracon Corporation
ABLNO ABRACON-ABLNO Datasheet
3Mb / 5P
   Ultra Low Phase Noise XO / VCXO
10.05.15
logo
PhaseLink Corporation
PLL620-80 PLL-PLL620-80 Datasheet
813Kb / 7P
   Low Phase Noise XO (9.5-65MHz Output)
logo
Micrel Semiconductor
PL620-88 MICREL-PL620-88 Datasheet
347Kb / 6P
   Low Phase Noise XO (9.5-65MHz Output)
logo
List of Unclassifed Man...
PLL620-80 ETC1-PLL620-80 Datasheet
212Kb / 7P
   Low Phase Noise XO (9.5-65MHz Output)
logo
PhaseLink Corporation
PLL602-35 PLL-PLL602-35 Datasheet
287Kb / 8P
   750kHz -800MHz Low Phase Noise Multiplier XO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com