Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABX0027B Datasheet(PDF) 3 Page - Abracon Corporation

Part # ABX0027B
Description  Ultra Low Current XO 10 MHz to 52 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABX0027B Datasheet(HTML) 3 Page - Abracon Corporation

  ABX0027B Datasheet HTML 1Page - Abracon Corporation ABX0027B Datasheet HTML 2Page - Abracon Corporation ABX0027B Datasheet HTML 3Page - Abracon Corporation ABX0027B Datasheet HTML 4Page - Abracon Corporation ABX0027B Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ABX0027B
Ultra Low Current XO 10 MHz to 52 MHz
30332 Esperanza., Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001 www.Abracon.com 06/23/06 Page 3
2. AC Electrical Specifications
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Input Crystal Frequency
10
52
MHz
At power-up
(Vdd reaches 1.62V)
10
ms
Disable to enable, osc. Off
10
ms
Settling time
Disable to enable, osc. On
500
µs
0.8V ~ 2.0V with 10 pF load
1.15
Output Clock Rise/Fall Time
0.3V ~ 3.0V with 15 pF load
2.4
ns
VDD sensitivity
Frequency vs. VDD +/- 10%
0.8
0.8
ppm
Output Clock Duty Cycle
Measured @ 50% VDD
45
50
55
%
3. Jitter and Phase Noise Specifications
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
RMS Period Jitter
(1 sigma – 10,000 samples)
With capacitive decoupling
between VDD and GND.
2.1
2.5
ps
Phase Noise relative to carrier
27MHz @100Hz offset
-108
dBc/Hz
Phase Noise relative to carrier
27MHz @1kHz offset
-135
dBc/Hz
Phase Noise relative to carrier
27MHz @10kHz offset
-147
dBc/Hz
Phase Noise relative to carrier
27MHz @100kHz offset
-148
dBc/Hz
Phase Noise relative to carrier
27MHz @1MHz offset
-148
dBc/Hz
4. DC Specification
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
At 10MHz, Cload=15pF
1.0
1.1
At 13.5MHz, Cload=15pF
1.2
1.3
At 17.7MHz, Cload=15pF
1.5
1.6
At 27MHz, Cload=15pF
2.0
2.1
Supply Current, Dynamic,
with Loaded Outputs
(at VDD = 3.3V)
IDD
At 48MHz, Cload=15pF
3.5
3.6
mA
Operating Voltage
VDD
1.62
3.63
V
Output High Voltage
VOH
IOH = -12mA (3.3V)
2.4
V
Output Low Voltage
VOL
IOL = 12mA (3.3V)
0.4
V
Output High Voltage at
CMOS level
VOHC
IOH = -4mA
VDD – 0.4
V
Output drive current
At TTL level (3.3V)
12
17
mA
Short Circuit Current
(3.3V)
±50
mA


Similar Part No. - ABX0027B

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABX0027F ABRACON-ABX0027F Datasheet
54Kb / 4P
   Low Power 5 Output XO 10MHz to 52MHz
ABX0027FSC ABRACON-ABX0027FSC Datasheet
54Kb / 4P
   Low Power 5 Output XO 10MHz to 52MHz
ABX0027FSC-T ABRACON-ABX0027FSC-T Datasheet
54Kb / 4P
   Low Power 5 Output XO 10MHz to 52MHz
ABX0027M ABRACON-ABX0027M Datasheet
54Kb / 4P
   Dual XO with 4 CMOS Outputs 10MHz to 52MHz
ABX0027MSC ABRACON-ABX0027MSC Datasheet
54Kb / 4P
   Dual XO with 4 CMOS Outputs 10MHz to 52MHz
More results

Similar Description - ABX0027B

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL600-27-37 PLL-PLL600-27-37 Datasheet
185Kb / 5P
   Ultra Low Current XO 10 MHz to 52 MHz
PLL600-27B PLL-PLL600-27B Datasheet
203Kb / 5P
   Ultra Low Current XO 10 MHz to 52 MHz
logo
Silicon Laboratories
SI534 SILABS-SI534 Datasheet
197Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
SI530 SILABS-SI530 Datasheet
183Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
SI532 SILABS-SI532 Datasheet
173Kb / 10P
   DUAL FREQUENCY XO (10 MHZ TO 1.4 GHZ)
logo
List of Unclassifed Man...
591BD-DDG ETC2-591BD-DDG Datasheet
121Kb / 12P
   1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
logo
Skyworks Solutions Inc.
SI590 SKYWORKS-SI590 Datasheet
521Kb / 16P
   1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
Rev. 1.2
SI540 SKYWORKS-SI540 Datasheet
1Mb / 20P
   Ultra Low Jitter Any-Frequency XO (125 fs), 0.2 to 1500 MHz
Revision 206609A May, 2023
SI545 SKYWORKS-SI545 Datasheet
923Kb / 21P
   Ultra Low Jitter Any-Frequency XO (80 fs), 0.2 to 1500 MHz
Revision 206613A May, 2023
SI570 SKYWORKS-SI570 Datasheet
639Kb / 36P
   10 MHZ TO 1.4 GHZ I2C PROGRAMMABLE XO/VCXO
Rev. 1.6
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com