Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BB1110RC Datasheet(PDF) 2 Page - Bi technologies

Part No. BB1110RC
Description  Resistor capacitor network Thick film resistors Ceramic chip capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BITECH [Bi technologies]
Homepage  http://www.bitechnologies.com
Logo 

BB1110RC Datasheet(HTML) 2 Page - Bi technologies

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL BB1110RC
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
October 7, 2004
page 2 of 2
BI technologies
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
Solder Ball Finish
SnPb 10/90
Solder Ball Co-planarity
0.15 mm
Substrate Material
Al2O3
Resistor Material
Cermet
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION
2
2
2
2
PACKING INFORMATION
PACKING INFORMATION
PACKING INFORMATION
PACKING INFORMATION
Tape reel suffix (also reel size in inches)
7
13
Part count/reel
750
3000
OUTLINE DRAWING
OUTLINE DRAWING
OUTLINE DRAWING
OUTLINE DRAWING
Units: mm
2
Contact our customer service for custom designs and features.
BB 1 1 10 RC 7
BB 1 1 10 RC 7
BB 1 1 10 RC 7
BB 1 1 10 RC 7
Model Series
Channels: 9
Solder ball Pitch: 1.0 mm
Tape Reel packing
Resistor Capacitor Network
Nominal: 50 ohms / 0.1uf


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn