Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABM63C Datasheet(PDF) 2 Page - Abracon Corporation

Part # ABM63C
Description  AT-CUT LOW COST CERAMIC SMD CRYSTAL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM63C Datasheet(HTML) 2 Page - Abracon Corporation

  ABM63C Datasheet HTML 1Page - Abracon Corporation ABM63C Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AT-CUT LOW COST CERAMIC SMD CRYSTAL
|||||||||||||||
ABM63C
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 08.02.07
Visit www.abracon.com for Terms & Conditions of Sale
6.0 x 3.5 x 1.2 mm
Pb RoHS
Compliant
Dimensions: inches (mm)
Dimensions: mm
OUTLINE DRAWING:
TAPE & REEL: T = Tape and reel 1,000pcs/reel
Please NOTE: This part is not recommended
for high reliability applications such as
automotive, medical, or safety related
applications. Please contact ABRACON for
information regarding our high reliability
products and for application assistance.


Similar Part No. - ABM63C

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM63CA ABRACON-ABM63CA Datasheet
157Kb / 2P
   AT-CUT LOW COST CERAMIC SMD CRYSTAL
08.02.07
More results

Similar Description - ABM63C

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM75CA ABRACON-ABM75CA Datasheet
160Kb / 2P
   AT-CUT LOW COST CERAMIC SMD CRYSTAL
08.02.07
ABM63CA ABRACON-ABM63CA Datasheet
157Kb / 2P
   AT-CUT LOW COST CERAMIC SMD CRYSTAL
08.02.07
ABM42CA ABRACON-ABM42CA Datasheet
152Kb / 2P
   AT-CUT LOW COST CERAMIC SMD CRYSTAL
08.02.07
ABM75C ABRACON-ABM75C Datasheet
169Kb / 2P
   AT-CUT LOW COST CERAMIC SMD CRYSTAL
08.02.07
ABM42C ABRACON-ABM42C Datasheet
165Kb / 2P
   AT-CUT LOW COST CERAMIC SMD CRYSTAL
08.02.07
logo
CRYSTEK CORPORATION
CO27VS12DE-02-10.000 CRYSTEKMICROWAVE-CO27VS12DE-02-10.000 Datasheet
159Kb / 2P
   AT-Cut Crystal
logo
TEMEX
RXT2520AT TEMEX-RXT2520AT Datasheet
565Kb / 6P
   Low profile SMD AT-cut quartz crystal with thermally
RXT2016AT TEMEX-RXT2016AT Datasheet
552Kb / 6P
   Low profile SMD AT-cut quartz crystal with thermally
logo
QUARTZCOM the communica...
SMX-1C8 QUARTZCOM-SMX-1C8 Datasheet
110Kb / 1P
   Full ceramic SMD Crystal Reliable, low cost crystal
SMX-1C-A QUARTZCOM-SMX-1C-A Datasheet
115Kb / 1P
   Full ceramic SMD Crystal Reliable, low cost crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com