Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4853 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDA4853
Description  I2C-bus autosync deflection controllers for PC/TV monitors
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4853 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDA4853 Datasheet HTML 10Page - NXP Semiconductors TDA4853 Datasheet HTML 11Page - NXP Semiconductors TDA4853 Datasheet HTML 12Page - NXP Semiconductors TDA4853 Datasheet HTML 13Page - NXP Semiconductors TDA4853 Datasheet HTML 14Page - NXP Semiconductors TDA4853 Datasheet HTML 15Page - NXP Semiconductors TDA4853 Datasheet HTML 16Page - NXP Semiconductors TDA4853 Datasheet HTML 17Page - NXP Semiconductors TDA4853 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
1999 Jul 13
14
Philips Semiconductors
Product specification
I2C-bus autosync deflection controllers for
PC/TV monitors
TDA4853; TDA4854
For supply voltages below 8.3 V the internal I2C-bus will
not generate an acknowledge and the IC is in standby
mode. This is because the internal protection circuit has
generated a reset signal for the soft start
register SOFTST. Above 8.3 V data is accepted and all
registers can be loaded. If the register SOFTST has
received a set from the I2C-bus, the internal soft start
procedure is released, which activates all mentioned
outputs.
If during normal operation the supply voltage has dropped
below 8.1 V, the protection mode is activated and
HUNLOCK (pin 17) changes to the protection status and is
floating. This can be detected by the microcontroller.
This protection mode has been implemented in order to
protect the deflection stages and the picture tube during
start-up, shut-down and fault conditions. This protection
mode can be activated as shown in Table 3.
Table 3
Activation of protection mode
When the protection mode is active, several pins of the
TDA4853; TDA4854 are forced into a defined state:
HDRV (horizontal driver output) is floating
BDRV (B+ control driver output) is floating
HUNLOCK (indicates, that the frequency-to-voltage
converter is out of lock) is floating (HIGH via external
pull-up resistor)
CLBL provides a continuous blanking signal
VOUT1 and VOUT2 (vertical outputs) are floating
The capacitor at HPLL2 is discharged.
If the soft start procedure is activated via the I2C-bus, all of
these actions will be performed in a well defined sequence
(see Figs 25 and 26).
ACTIVATION
RESET
Low supply voltage at
pin 10
increase supply voltage;
reload registers;
soft start via I2C-bus
Power dip, below 8.1 V
reload registers;
soft start via I2C-bus
X-ray protection (pin 2)
triggered, XSEL (pin 9) is
open-circuit or connected
to ground
reload registers;
soft start via I2C-bus
X-ray protection (pin 2)
triggered, XSEL (pin 9)
connected to VCC via an
external resistor
switch VCC off and on
again, reload registers;
soft start via I2C-bus
HPLL2 (pin 30) externally
pulled to ground
release pin 30


Similar Part No. - TDA4853

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4850 PHILIPS-TDA4850 Datasheet
142Kb / 20P
   Horizontal and vertical deflection controller for VGA/XGA and multi-frequency monitors
1997 Jun 05
TDA4851 PHILIPS-TDA4851 Datasheet
198Kb / 17P
   Horizontal and vertical deflection controller for VGA/XGA and autosync monitors
November 1992
TDA4852 PHILIPS-TDA4852 Datasheet
175Kb / 16P
   Horizontal and vertical deflection controller for autosync monitors
December 1992
TDA4855 PHILIPS-TDA4855 Datasheet
317Kb / 44P
   Autosync Deflection Controller ASDC
1996 Jul 18
TDA4856 PHILIPS-TDA4856 Datasheet
1Mb / 56P
   I2C-bus autosync deflection controller for PC monitors
1999 Jul 13
More results

Similar Description - TDA4853

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4857PS PHILIPS-TDA4857PS Datasheet
235Kb / 56P
   I2C-bus autosync deflection controller for PC monitors
2000 Jan 31
TDA4856 PHILIPS-TDA4856 Datasheet
1Mb / 56P
   I2C-bus autosync deflection controller for PC monitors
1999 Jul 13
TDA4841PS PHILIPS-TDA4841PS Datasheet
245Kb / 60P
   I2C-bus autosync deflection controller for PC monitors
1999 Oct 25
TDA4852 PHILIPS-TDA4852 Datasheet
175Kb / 16P
   Horizontal and vertical deflection controller for autosync monitors
December 1992
logo
STMicroelectronics
TDA8176 STMICROELECTRONICS-TDA8176 Datasheet
94Kb / 5P
   TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS
logo
NXP Semiconductors
TDA4851 PHILIPS-TDA4851 Datasheet
198Kb / 17P
   Horizontal and vertical deflection controller for VGA/XGA and autosync monitors
November 1992
TDA4855 PHILIPS-TDA4855 Datasheet
317Kb / 44P
   Autosync Deflection Controller ASDC
1996 Jul 18
logo
NTE Electronics
NTE7133 NTE-NTE7133 Datasheet
46Kb / 7P
   Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors
logo
National Semiconductor ...
LM1290 NSC-LM1290 Datasheet
176Kb / 9P
   Autosync Horizontal Deflection Processor
logo
Sony Corporation
CXA2022S SONY-CXA2022S Datasheet
257Kb / 16P
   I2C Bus Sound Processor for TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com