Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABM53C Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABM53C
Description  COMMERCIAL GRADE CERAMIC SMD CRYSTAL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM53C Datasheet(HTML) 1 Page - Abracon Corporation

  ABM53C Datasheet HTML 1Page - Abracon Corporation ABM53C Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
COMMERCIAL GRADE CERAMIC SMD CRYSTAL
|||||||||||||||
ABM53C
STANDARD SPECIFICATIONS:
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
APPLICATIONS:
FEATURES:
PARAMETERS
ABRACON P/N:
ABM53C Series
Frequency range:
12.0 MHz to 48 MHz
Operating temperature:
-10°C to + 60°C (see options)
Operation Mode:
AT-cut (Fundamental for <36MHz, 3rd OT for >36MHz)
Storage temperature:
-40°C to +85°C
Equivalent series resistance: See Table 1
Shunt capacitance C0:
7pF max
Load capacitance CL:
18pF (see option)
Drive Level:
100uW max
Aging @ 25°C per year:
±10ppm max
Insulation Resistance:
500Mohms min at 100Vdc ± 15V
Freq. Tolerance at +25° C:
± 30ppm max. (Contact ABRACON for tighter tolerance)
± 50ppm max. (Contact ABRACON for tighter stability)
Freq. stability over operating
temperature (Ref to +25° C):
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 07.05.07
Visit www.abracon.com for Terms & Conditions of Sale
5.0 x 3.2 x 1.3 mm
• Industrial standard package 5.0x3.2, 4 pads
• Ideal for Cost Sensitive Commercial Electronics
• Suitable for High Volume Applications
• Laptop computers
• Computer peripherals
• Home network modem
TABLE 1
ESR (
Ω
Ω)
120
80
50
Contact ABRACON
Test Condition
Parts shall be tested under the condition of +20±15°C of the temperature, +65%±20%RH of the humidity unless
the standard condition of +25±2°C of the temperature, +65%±5%RH of the humidity is specified.
36.001 - 48.000
Frequency (MHz)
8.000 - 11.999
12.000 - 14.399
14.400 - 36.000
E
0°C ~ +70°C
Blank
Bulk
B
-20°C ~ +70°C
T
Tape & Reel
g
n
i
g
a
k
c
a
P
y
c
n
e
u
q
e
r
F
Operating Temp.
ABM53C - Frequency -
-
-
XX.XXXX MHz
Load Capacitance
Please specify CL in pF
(From 12 to 30)
RoHS
Compliant
Pb in glass
(exempt per RoHS 2002/95/EC Annex (5))
NEW!
Low Cost
Commercial
Grade SMD
Crystal
Please NOTE: This part is not recommended for high reliability applications such as
automotive, medical, or safety related applications. Please contact ABRACON for
information regarding our high reliability products and for application assistance.


Similar Part No. - ABM53C

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM53CA ABRACON-ABM53CA Datasheet
155Kb / 2P
   COMMERCIAL GRADE CERAMIC SMD CRYSTAL
07.05.07
More results

Similar Description - ABM53C

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM53CA ABRACON-ABM53CA Datasheet
155Kb / 2P
   COMMERCIAL GRADE CERAMIC SMD CRYSTAL
07.05.07
logo
Fox Electronics
FXA2016B FOX-FXA2016B Datasheet
382Kb / 1P
   Ceramic SMD Automotive Grade Crystal
FXA2520B FOX-FXA2520B Datasheet
188Kb / 2P
   Ceramic SMD Automotive Grade Crystal
FXA3225B FOX-FXA3225B Datasheet
188Kb / 2P
   Ceramic SMD Automotive Grade Crystal
FXA7050B FOX-FXA7050B Datasheet
204Kb / 2P
   Ceramic SMD Automotive Grade Crystal
FXA5032B FOX-FXA5032B Datasheet
198Kb / 2P
   Ceramic SMD Automotive Grade Crystal
logo
Abracon Corporation
ABM3BAIG ABRACON-ABM3BAIG Datasheet
909Kb / 5P
   Automotive & Industrial Grade Ceramic Base SMD Crystal
06-14-19
ABM12AIG ABRACON-ABM12AIG Datasheet
585Kb / 5P
   Automotive & Industrial Grade Miniature Ceramic Base SMD Crystal
ABM4AAIG ABRACON-ABM4AAIG Datasheet
4Mb / 4P
   Automotive Grade Ceramic SMD Low Profile Microprocessor Crystal
ABM4BAIG ABRACON-ABM4BAIG Datasheet
6Mb / 4P
   Automotive Grade Ceramic SMD Low Profile Microprocessor Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com