Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ABM42C Datasheet(PDF) 2 Page - Abracon Corporation

Part No. ABM42C
Description  AT-CUT LOW COST CERAMIC SMD CRYSTAL
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABRACON [Abracon Corporation]
Homepage  http://www.abracon.com/index.htm
Logo 

ABM42C Datasheet(HTML) 2 Page - Abracon Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AT-CUT LOW COST CERAMIC SMD CRYSTAL
|||||||||||||||
ABM42C
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 08.02.07
Visit www.abracon.com for Terms & Conditions of Sale
4.0 x 2.5 x 1.2 mm
Dimensions: inches (mm)
Dimensions: mm
OUTLINE DRAWING:
TAPE & REEL: T = Tape and reel 1,000pcs/reel
Please NOTE: This part is not recommended
for high reliability applications such as
automotive, medical, or safety related
applications. Please contact ABRACON for
information regarding our high reliability
products and for application assistance.
Pb RoHS
Compliant


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ABC2LOW FREQUENCY CERAMIC SURFACE MOUNT MICROPROCESSOR CRYSTAL 1 2 Abracon Corporation
ABFMCERAMIC SMD CRYSTAL CLOCK OSCILLATOR 1 2 3 Abracon Corporation
ABLSHC/49US AT49 SMD LOW PROFILE CRYSTAL 1 2 3 Abracon Corporation
ABM3BCERAMIC SMD CRYSTAL 1 2 Abracon Corporation
ABM8ULTRA MINIATURE CERAMIC SMD CRYSTAL 1 2 Abracon Corporation
ABM8LCERAMIC SMD ULTRA MINIATURE CONTOUR MODE QUARTZ CRYSTAL 1 2 Abracon Corporation
ABM9MINIATURE CERAMIC SMD CRYSTAL 1 2 Abracon Corporation
ABM10CERAMIC SMD ULTRA MINIATURE QUARTZ CRYSTAL 1 2 Abracon Corporation
ABM11CERAMIC SMD ULTRA MINIATURE QUARTZ CRYSTAL 1 Abracon Corporation
ABM12ULTRA MINIATURE CERAMIC SMD CRYSTAL 1 2 Abracon Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn