Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ABM10 Datasheet(PDF) 2 Page - Abracon Corporation

Part No. ABM10
Description  CERAMIC SMD ULTRA MINIATURE QUARTZ CRYSTAL
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABRACON [Abracon Corporation]
Homepage  http://www.abracon.com/index.htm
Logo ABRACON - Abracon Corporation

ABM10 Datasheet(HTML) 2 Page - Abracon Corporation

  ABM10 Datasheet HTML 1Page - Abracon Corporation ABM10 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
| | | | | | | | | | | | | | |
ABM10
Revised: 05.01.07
2.5 x 2.0 x 0.55 mm
Pb RoHS
Compliant
CERAMIC SMD ULTRA MINIATURE QUARTZ CRYSTAL
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Dimensions: mm
Dimensions: mm
OUTLINE DRAWING:
TAPE & REEL:


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ABM8LCERAMIC SMD ULTRA MINIATURE CONTOUR MODE QUARTZ CRYSTAL 1 2 Abracon Corporation
ABM8ULTRA MINIATURE CERAMIC SMD CRYSTAL 1 2 Abracon Corporation
ABM9MINIATURE CERAMIC SMD CRYSTAL 1 2 Abracon Corporation
ABFMCERAMIC SMD CRYSTAL CLOCK OSCILLATOR 1 2 3 Abracon Corporation
ABM3ULTRA MINIATURE CERAMIC SURFACE MOUNT 1 Abracon Corporation
32S12Tuning Fork Quartz Crystal 32.768 kHz Plastic SMD 1 2 Pericom Semiconductor Corporation
ABM3BCERAMIC SMD CRYSTAL 1 2 Abracon Corporation
ABM3CMICROPROCESSOR CRYSTALS ULTRA MINIATURE CERAMIC SURFACE MOUNT 1 Abracon Corporation
X5024Nominal 5 x 2.4 mm blanks for 5x7mm ceramic SMD High Frequency Oscillators 1 2 3 4 5 List of Unclassifed Manufacturers
SSP-TSurface Mount Quartz Crystal Units for Low Frequencies 1 2 List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn