Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ABM3B Datasheet(PDF) 2 Page - Abracon Corporation

Part No. ABM3B
Description  CERAMIC SMD CRYSTAL
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABRACON [Abracon Corporation]
Homepage  http://www.abracon.com/index.htm
Logo 

ABM3B Datasheet(HTML) 2 Page - Abracon Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
|||||||||||||||
ABM3B
5.0 X 3.2 X 1.1mm
Pb RoHS
Compliant
CERAMIC SMD CRYSTAL
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
Dimensions: inch (mm)
OUTLINE DRAWING:
Note: Due to the availability of raw materials, this part
may be manufactured with the chamfer on pin 4. Be
advised that this does not affect the electrical charac-
teristics of the crystal in any way.
Table 2
ABM3B
1.1mm max
ABM3B1
0.8mm max
#1 (Default), #4 (See Note)
Height (mm)
#1 (Default), #4 (See Note)
Chamfer PIN #
Dimensions: mm
TAPE & REEL:
Please see Table 2 below for height and chamfer information.
Chamfer on PIN 1
(Default)
Chamfer on PIN 4
(See Note)
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 07.10.07
Visit www.abracon.com for Terms & Conditions of Sale


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ABFMCERAMIC SMD CRYSTAL CLOCK OSCILLATOR 1 2 3 Abracon Corporation
X5024Nominal 5 x 2.4 mm blanks for 5x7mm ceramic SMD High Frequency Oscillators 1 2 3 4 5 List of Unclassifed Manufacturers
HC49SDRESISTANCE WELD SMD CRYSTAL 1 List of Unclassifed Manufacturers
DSX531SSMD Type Crystal Resonators 1 List of Unclassifed Manufacturers
ABC2LOW FREQUENCY CERAMIC SURFACE MOUNT MICROPROCESSOR CRYSTAL 1 2 Abracon Corporation
C2012JB2E102KCeramic Capacitors For Mid Voltage SMD 1 2 3 4 5 MoreTDK Electronics
AB206J32.768kHz SMD REFLOWABLE CYLINDRICAL TYPE TUNING FORK CRYSTAL 1 2 Abracon Corporation
ABLSHC/49US AT49 SMD LOW PROFILE CRYSTAL 1 2 3 Abracon Corporation
CRS20Ceramic Chip SMD Reflective Sensor 1 2 PerkinElmer Optoelectronics
CR50TE-DLFCERLED Ceramic Chip SMD Wide-Viewing Angle CR 50 TE Photo Transistor 1 2 3 PerkinElmer Optoelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn