Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4821P Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA4821P
Description  Autosize IC for colour monitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4821P Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA4821P Datasheet HTML 2Page - NXP Semiconductors TDA4821P Datasheet HTML 3Page - NXP Semiconductors TDA4821P Datasheet HTML 4Page - NXP Semiconductors TDA4821P Datasheet HTML 5Page - NXP Semiconductors TDA4821P Datasheet HTML 6Page - NXP Semiconductors TDA4821P Datasheet HTML 7Page - NXP Semiconductors TDA4821P Datasheet HTML 8Page - NXP Semiconductors TDA4821P Datasheet HTML 9Page - NXP Semiconductors TDA4821P Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
2000 Feb 09
6
Philips Semiconductors
Product specification
Autosize IC for colour monitors
TDA4821P
Clock PLL
In order to measure the horizontal timing with sufficient
precision, it is recommended to set the frequency of the
internal reference clock to 48 MHz. This clock is generated
by a multiplying PLL from the external clock signal applied
to pin CLK. The ratio between the internal and external
clock frequency (clock multiply factor is Mclk) is
programmable from 1 to 8 (via the I2C-bus). For instance,
for an external clock frequency of 8 MHz, a multiply factor
Mclk = 6 is needed to achieve an internal reference clock of
48 MHz.
After power-on of the IC and with an inactive I2C-bus, the
default value of factor Mclk is set to 2.
Sync and flyback pulse comparators and polarity
detection
The horizontal and vertical sync pulse input circuits on
pins HS and VS are able to handle both 5 or 3.3 V level
H/V sync pulses. The H-sync and V-sync signals are
internally preprocessed by edge detectors which deliver
positive pulses at the rising and falling edges of the input
signals and are followed by auto-polarity correction
stages. The polarity status of both sync signals will be
detected and corrected and is available as the I2C-bus
status bits Hpol and Vpol. A positive polarity means that
the duty cycle is smaller than 50% (bit Hpol = 0 or
bit Vpol = 0) and for a negative polarity the duty cycle is
larger than 50%.
The horizontal flyback pulse on pin HFB is internally
preprocessed by an edge detector in the same way as for
H-sync and V-sync pulses. The measurement of the
position of the horizontal flyback pulse provides further
information for the monitor microcontroller for a correct
auto-adjustment of the picture within the scanned raster
area.
Horizontal and vertical timing measurements
For each vertical period the IC performs six horizontal and
four vertical measurements (see Figs 3 and 4).
The leading edge of the next vertical sync pulse is used to
transfer the previous measurement results to the I2C-bus
data read registers and to reset the internal counters for
the next full timing measurement cycle. In this way the
I2C-bus data registers will always contain stable
sample-and-hold data (assuming that the sync signals are
stable) and they can be read-out via the I2C-bus by an
external microcontroller for automatic adaption of the
display geometry.
Moreover, measuring the width of the sync pulses gives
more advantages such as:
• A better mode discrimination
• In some cases the horizontal PLL of the deflection
controllers operates on the leading edge of the sync
pulse, in other cases in the middle of the sync pulse.
VERTICAL TIMING MEASUREMENTS
The parameters are measured with respect to the leading
edge of the V-sync pulse (see Fig.3). At each leading edge
of the V-sync pulse on pin VS a 12-bit counter is started.
The four vertical timings (see Table 1) are counted as a
number of H-sync pulses on pin HS and stored in buffer
registers. The contents of these buffer registers are copied
to the I2C-bus registers on every next V-sync pulse with
the addition of LSBs (logic 0) for completing the full 2-byte
data (see Table 4).
The maximum line count is 4095. With Enhanced
Graphics Adapter (EGA) systems with approximately
400 lines at 31.45 kHz, the lower line count will be 9 bits
long only but the resolution is still better than 0.25%. No
provisions are included for recognizing interlaced sync
signals with or without equal vertical periods.


Similar Part No. - TDA4821P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4820T PHILIPS-TDA4820T Datasheet
63Kb / 10P
   Sync separation circuit for video applications
June 1990
More results

Similar Description - TDA4821P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8302 PHILIPS-TDA8302 Datasheet
1Mb / 19P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
September 1991
TDA8305A PHILIPS-TDA8305A Datasheet
716Kb / 21P
   Small signal combination IC for colour TV
JUne 1990
TDA4501 PHILIPS-TDA4501 Datasheet
540Kb / 13P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
oCTOBER 1984
TDA8304 PHILIPS-TDA8304 Datasheet
1Mb / 20P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
September 1991
TDA4502A PHILIPS-TDA4502A Datasheet
805Kb / 18P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
October 1988
TDA4505 PHILIPS-TDA4505 Datasheet
440Kb / 15P
   Small signal combination IC for colour TV
January 1988
logo
Mitsumi Electronics, Co...
MM1203 MITSUMI-MM1203 Datasheet
125Kb / 6P
   RGB Video Amplifier for Monitors Monolithic IC
logo
Zarlink Semiconductor I...
VP7615 ZARLINK-VP7615 Datasheet
286Kb / 26P
   Colour Digital Video Camera Decoder IC
logo
Mitel Networks Corporat...
VP7615 MITEL-VP7615 Datasheet
106Kb / 25P
   Colour Digital Video Camera Decoder IC
logo
List of Unclassifed Man...
VP7610 ETC-VP7610 Datasheet
248Kb / 14P
   COLOUR DIGITAL VIDEO CAMERA DECODER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com