Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ABE0125 Datasheet(PDF) 2 Page - Abracon Corporation

Part No. ABE0125
Description  Low EMI Spread Spectrum Multiplier Clock
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABRACON [Abracon Corporation]
Homepage  http://www.abracon.com/index.htm
Logo 

ABE0125 Datasheet(HTML) 2 Page - Abracon Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABE0125
Low EMI Spread Spectrum Multiplier Clock
30332 Esperanza., Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001 www.Abracon.com 03/21/05 Page 2
PIN DESCRIPTIONS
Name
Number
Type
Description
FIN
1
I
Input Clock Frequency. ( 33 ~ 90MHz )
CLK2
2
O
Buffered Clock Output. 1X the input frequency ( FIN ).
CLK1
3
O
Buffered Clock Output. 1X the input frequency ( FIN ).
GND
4
I
Ground.
CLK3
5
O
Buffered Clock Output. 1X the input frequency ( FIN ).
VDD
6
P
3.3V Power Supply.
CLK4
7
O
Buffered Clock Output. 1X the input frequency ( FIN ).
CLK5
8
O
Buffered Clock Output. 1X the input frequency ( FIN ).
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. Electrical Characteristics
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Voltage
VDD
2.97
3.63
V
Input Low Voltage
VIL
0.8
V
Input High Voltage
VIH
2.0
V
Input Low Current
IIL
VIN = 0V
19
50.0
µA
Input High Current
IIH
VIN = VDD
0.10
100.0
µA
Output Low Voltage
VOL
IOL = 50 mA
0.25
0.4
V
Output High Voltage
VOH
IOH = 50 mA
2.4
2.9
V
Supply Current
IDD
Unloaded outputs at 75MHz,
SEL inputs at VDD or GND
30.0
40.0
mA


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn