Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AB206J Datasheet(PDF) 1 Page - Abracon Corporation

Part No. AB206J
Description  32.768kHz SMD REFLOWABLE, CYLINDRICAL TYPE TUNING FORK CRYSTAL
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABRACON [Abracon Corporation]
Homepage  http://www.abracon.com/index.htm
Logo 

AB206J Datasheet(HTML) 1 Page - Abracon Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Frequency
ABRACON P/N
AB206J
Operating Temperature
Turn-over Temperature
Storage Temperature
Frequency Tolerance
Frequency Stability
Equivalent Series Resistance
Drive Level
Aging at 25°C first year
Insulation Resistance
|||||||||||||||
AB206J
8.3 x 2.7mm
• Real time clock
• Measuring instruments
• Blue-tooth and wireless applications
• Formed leads for low cost SMD type
• Excellent shock resistance
• Reflow Capable
32.768 kHz
-40°C to + 85°C
25°C to ± 5°C
-55°C to +125°C
± 20 ppm max. at 25°C
-0.034 ± 0.006ppm/°C2
50k
Ω max.
Load Capacitance CL
12.5pF (see options)
Quality Factor
70,000 typ.
Shunt Capacitance C0
1.35pF typical
1
μW max.
± 3ppm max. at 25°C ± 3°C
500 M
Ω min. at 100 Vdc ± 15V
Pb RoHS
Compliant
Blank
12.5pF
Blank
6
6pF
*Contact ABRACON for non-
standard load capacitance
(3Kpcs/ reel)
T
Tape and Reel
AB206J-Frequency- -
Load Capacitance
Packaging
Bulk
32.768kHz SMD REFLOWABLE, CYLINDRICAL
TYPE TUNING FORK CRYSTAL
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
PARAMETERS
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 07.09.07
Visit www.abracon.com for Terms & Conditions of Sale


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AB38TLOW FREQUENCY 32.768kHz CYLINDRICAL TYPE TUNING FORK CRYSTALS 1 Abracon Corporation
DST520SMD Type Tuning Fork Crystal Resonators 1 List of Unclassifed Manufacturers
32S12Tuning Fork Quartz Crystal 32.768 kHz Plastic SMD 1 2 Pericom Semiconductor Corporation
MTF32Tuning Fork Quartz Crystal 1 2 List of Unclassifed Manufacturers
DSX531SSMD Type Crystal Resonators 1 List of Unclassifed Manufacturers
AB26TRBLOW FREQUENCY REFLOWABLE CYLINDRICAL WATCH CRYSTAL 1 2 Abracon Corporation
SMD1206SMD Type 6 V - 30 V 1 2 Littelfuse
SMD1812SMD Type 6 V - 60 V 1 2 Littelfuse
PR14X8C TYPE SMD BOBBIN POT-14X8 1 List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn