Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPM2C-32EDTM Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # CPM2C-32EDTM
Description  Compact PLC Series
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CPM2C-32EDTM Datasheet(HTML) 4 Page - Omron Electronics LLC

  CPM2C-32EDTM Datasheet HTML 1Page - Omron Electronics LLC CPM2C-32EDTM Datasheet HTML 2Page - Omron Electronics LLC CPM2C-32EDTM Datasheet HTML 3Page - Omron Electronics LLC CPM2C-32EDTM Datasheet HTML 4Page - Omron Electronics LLC CPM2C-32EDTM Datasheet HTML 5Page - Omron Electronics LLC CPM2C-32EDTM Datasheet HTML 6Page - Omron Electronics LLC CPM2C-32EDTM Datasheet HTML 7Page - Omron Electronics LLC CPM2C-32EDTM Datasheet HTML 8Page - Omron Electronics LLC CPM2C-32EDTM Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
52
CPU Units
(Continued)
CPM2C–CPU Unit
Model code
CPM2C–10CDT1M–D
− DIN rail mounting
− LED status display
Inputs
6 DC inputs
− LED status display
− Max. 5 Expansion Units
Outputs
4, transistor, PNP
Max. 5 Expansion Units
− 24−pin front connector*
Vlt
l 24 VDC
Data backup
Capacitor
− Voltage supply 24 VDC
− Pulse output
Real−time clock
− Pulse output
− MIL connector
Model code
CPM2C–10CDTM–D
Inputs
6 DC inputs
Outputs
4, transistor, NPN
Data backup
Capacitor
Real−time clock
Model code
CPM2C–10C1DT1M–D
Inputs
6 DC inputs
Outputs
4, transistor, PNP
Data backup
Battery
Real−time clock
Yes
Model code
CPM2C–10C1DTM–D
Inputs
6 DC inputs
Outputs
4, transistor, NPN
Data backup
Battery
Real−time clock
Yes
* Front connector or terminal block and cable are not included in delivery package, see page 465.
Compact PLC Series CPM2C


Similar Part No. - CPM2C-32EDTM

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CPM2CS100C OMRON-CPM2CS100C Datasheet
288Kb / 5P
   CPM2C-S10C offers high-speed local control, remote expandability in a very compact package.
More results

Similar Description - CPM2C-32EDTM

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DVP-SA DELTA-DVP-SA Datasheet
567Kb / 2P
   Compact, Multi-function, Multiple Instructions PLC
logo
Bourns Electronic Solut...
PFBR45 BOURNS-PFBR45 Datasheet
984Kb / 6P
   PFBR45 Series PLC Transformer
REV. 05/22
logo
Contec Co., Ltd
CPSA-PCB100 CONTEC-CPSA-PCB100 Datasheet
512Kb / 3P
   ha Series PLC-Backup
logo
XFMRS Inc.
XF0144-ST XFMRS-XF0144-ST Datasheet
76Kb / 1P
   PLC XFMR
logo
LinkCom Manufacturing C...
LTC0318-50P LINKCOM-LTC0318-50P Datasheet
68Kb / 1P
   PLC Transformer
logo
PHOENIX CONTACT
103153 PHOENIX-103153 Datasheet
181Kb / 3P
   Accessories for the PLC INTERFACE Series
logo
Schneider Electric
XBTZG9775 SCHNEIDER-XBTZG9775 Datasheet
108Kb / 2P
   RS422 cabel for Mistubishi PLC FX series, HMI Sub-D9 to PLC MiniDin6
Apr 27, 2022
logo
PHOENIX CONTACT
PLC PHOENIX-PLC Datasheet
189Kb / 3P
   Accessories for the PLC INTERFACE Series
logo
Omron Electronics LLC
P1C OMRON-P1C Datasheet
548Kb / 6P
   PLC Splitter Module
logo
Kemet Corporation
PLT-02 KEMET-PLT-02 Datasheet
826Kb / 2P
   Transformer for PLC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com