Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRF586 Datasheet(PDF) 1 Page - Advanced Power Technology

Part No. MRF586
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADPOW [Advanced Power Technology]
Homepage  http://www.advpowertech.com
Logo 

MRF586 Datasheet(HTML) 1 Page - Advanced Power Technology

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
MRF586
DESCRIPTION:
The MRF586 is a silicon NPN transistor, designed for VHF and UHF equipment. Applications include amplifier,
pre-driver, driver, and output stages. It is also suitable for oscillator and frequency-multiplier functions.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C)
Symbol
Parameter
Value
Unit
VCEO
Collector-Emitter
17
V
VCBO
Collector-Base Voltage
35
V
VEBO
Emitter-Base Voltage
3.0
V
PD
Total Device Dissipation
1.0
W
IC
Collector Current
200
mA
Thermal Data
PD
Total Device Dissipation @ TA = 25°C
Derate above 25°C
1.0
5.71
Watts
mW/°C
ELECTRICAL SPECIFICATIONS
1. Emitter
2. Base
3. Collector
TO-39
Features
Silicon NPN, TO-39 packaged VHF/UHF Transistor
Ft = 3.0 Ghz (typ) @ 300MHz, 14v, 90mA,
G
U max
= 12.5dB (typ) @ 300 MHz, 15v, 40mA
|S21|
2 = 12.5dB (typ) @ 300 MHz, 15v, 40mA
RF & MICROWAVE DISCRETE
LOW POWER TRANSISTORS
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BFR90RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS 1 2 3 4 5 Advanced Power Technology
BFR91RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS 1 2 3 4 5 Advanced Power Technology
BFR96RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS 1 2 3 4 5 Advanced Power Technology
BFY90RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS 1 2 3 4 Advanced Power Technology
MRF553RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS 1 2 3 4 5 Advanced Power Technology
MRF557RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS 1 2 3 4 5 Advanced Power Technology
2N2857RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS 1 2 3 4 Advanced Power Technology
MRF581RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS 1 2 3 4 5 MoreAdvanced Power Technology
2N3866RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS 1 2 3 4 5 Advanced Power Technology
MRF586RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS 1 2 3 4 Microsemi Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn