Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF553 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MRF553
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MRF553 Datasheet(HTML) 1 Page - Advanced Power Technology

  MRF553 Datasheet HTML 1Page - Advanced Power Technology MRF553 Datasheet HTML 2Page - Advanced Power Technology MRF553 Datasheet HTML 3Page - Advanced Power Technology MRF553 Datasheet HTML 4Page - Advanced Power Technology MRF553 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MRF553
MRF553G
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
Rev A 9/2005
* G Denotes RoHS Compliant, Pb Free Terminal Finish
DESCRIPTION: Designed primarily for wideband large signal stages in the VHF frequency range.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25
°C)
Symbol
Parameter
Value
Unit
VCEO
Collector-Emitter Voltage
16
Vdc
VCBO
Collector-Base Voltage
36
Vdc
VEBO
Emitter-Base Voltage
4.0
Vdc
IC
Collector Current
500
mA
Thermal Data
P
D
Total Device Dissipation @ TC = 75ºC
Derate above 75ºC
3.0
40
Watts
mW/ ºC
Features
Specified @ 12.5 V, 175 MHz Characteristics
Output Power = 1.5 W
Minimum Gain = 11.5 dB
Efficiency 60% (Typ)
Cost Effective PowerMacro Package
Electroless Tin Plated Leads for Improved Solderability
Power Macro
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855
RF & MICROWAVE DISCRETE
LOW POWER TRANSISTORS


Similar Part No. - MRF553

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF553 MOTOROLA-MRF553 Datasheet
94Kb / 6P
   RF LOW POWER TRANSISTOR NPN SILICON
logo
Microsemi Corporation
MRF553 MICROSEMI-MRF553 Datasheet
231Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Advanced Semiconductor
MRF553 ASI-MRF553 Datasheet
20Kb / 1P
   NPN SILICON RF TRANSISTOR
logo
Advanced Power Technolo...
MRF553 ADPOW-MRF553 Datasheet
146Kb / 5P
   RF MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF553G ADPOW-MRF553G Datasheet
146Kb / 5P
   RF MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results

Similar Description - MRF553

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
BFR91 MICROSEMI-BFR91 Datasheet
170Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFY90 MICROSEMI-BFY90 Datasheet
84Kb / 4P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
2N6304 MICROSEMI-2N6304 Datasheet
86Kb / 4P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF559 MICROSEMI-MRF559 Datasheet
208Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF5812 MICROSEMI-MRF5812 Datasheet
173Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF5943 MICROSEMI-MRF5943 Datasheet
174Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Advanced Power Technolo...
MRF544 ADPOW-MRF544 Datasheet
302Kb / 4P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFR90 ADPOW-BFR90 Datasheet
120Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF581 ADPOW-MRF581 Datasheet
282Kb / 6P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Microsemi Corporation
MRF581 MICROSEMI-MRF581_08 Datasheet
162Kb / 6P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BFR96 NJSEMI-BFR96 Datasheet
81Kb / 3P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com